Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7302-ADNLFNEG Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7302-ADNLFNEG
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7302-ADNLFNEG Datasheet(HTML) 4 Page - Orister Corporation

  RS7302-ADNLFNEG Datasheet HTML 1Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 2Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 3Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 4Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 5Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 6Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 7Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 8Page - Orister Corporation RS7302-ADNLFNEG Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page No. : 4/11
DS‐RS7302‐02    September, 2009 
www.Orister.com
Electrical Characteristics (T
A=25°C, VIN=5.0V unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
2.4 ‐ 
7.0 
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2%
Fixed 
Type 
VIN=VOUT+1.0V, IOUT=1mA, VOUT<1.8V, VIN
>2.4V 
‐35 
+35
mV 
VIN=VOUT+1.2V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2%
VOUT 
Output Voltage 
ADJ 
Type 
VIN=VOUT+1.2V, IOUT=1mA, VOUT<1.8V, VIN
>2.4V 
‐50 
VOUT 
+50
mV 
IMAX 
Output Current (see NOTE) 
VOUT+1.0V≦VIN≦7.0V, VOUT≧2.4V 
600 ‐ 
‐ 
mA 
IOUT=100mA, VOUT>3.0V ‐ 
100 ‐ 
VDROP 
Dropout Voltage 
IOUT=600mA, VOUT>3.0V ‐ 
500 ‐ 
mV 
ΔVLINE 
Line Regulation 
VOUT+1.0V≦VIN≦7V, IOUT=1mA 
‐ 
0.2 
0.3 
%/V 
ΔVLOAD 
Load Regulation 
VIN=VOUT+1V, 1mA≦IOUT≦100mA 
‐ 
0.01 
0.02
%/mA
IQ 
Ground Pin Current 
ILOAD=0mA to 1.0A, VIN=VOUT+1.0V ‐ 
60 ‐ 
uA 
ISD 
Shutdown Current 
VIN=VOUT+1V, EN=0V, No Load  
0.7 ‐ 
uA 
ISC 
Short Circuit Current ‐ 
‐ 
250 ‐ 
mA 
PSRR 
Ripple Rejection 
IOUT=30mA, F=1KHz, COUT=3.3uF ‐ 
65 ‐ 
dB 
eN 
Output Noise 
IOUT=100mA , F=1KHz, COUT=3.3uF ‐ 
40 ‐ 
uV(rms)
VIH 
EN Pin Input Voltage “H” 
VIN≦5.0V 
1.6 ‐ 
‐ 
VIL 
EN Pin Input Voltage “L” 
VIN≦5.0V ‐ 
‐ 
0.3 
RDIS 
Discharge Resistor 
VEN=0V, For Fixed Voltage Type ‐ 
30 
100
Ω 
TDIS 
Discharge Time 
VOUT=3.3V to 0V, COUT=1uF, For Fixed Voltage Type ‐ 
70 
100
us 
TSS 
Soft‐Start Time 
VOUT=3.3V, CSS=47nF, CIN=COUT=1uF ‐ 
10 ‐ 
ms 
TSD 
Thermal Shutdown 
Temperature 
‐ 
‐ 
150 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
20 ‐ 
o
NOTE:Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”. 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7302-ADNLFNEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MG ORISTER-RS7300-15MG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MP ORISTER-RS7300-15MP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NG ORISTER-RS7300-15NG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NP ORISTER-RS7300-15NP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7302-ADNLFNEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com