Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2-L2-4.5V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # TXS2-L2-4.5V
Description  New pin layout (LT type) added
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-L2-4.5V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  TXS2-L2-4.5V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-L2-4.5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TX-S
DIMENSIONS (mm inch)
1. Standard PC board terminal and Self clinching terminal
Schematic (Bottom view)
2. Surface-mount terminal
Type
External dimensions (General tolerance:
±0.3 ±.012)
PC board pattern (Bottom view) (Tolerance:
±0.1 ±.004)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Standard
PC board
terminal
Self
clinching
terminal
Type
External dimensions (General tolerance:
±0.3 ±.012)
Suggested mounting pad (Top view) (Tolerance:
±0.1 ±.004)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
Single side stable and
1 coil latching type
2 coil latching type (L2, LT)
SA type
SL type
SS type
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://panasonic-electric-works.net/ac
CAD Data
15.00
7.40
0.25
1.15
.020
5.08
2.54
5.08
0.50
.045
.200
.100
.591
.291
.200
.010
8.20
.323
0.65
.026
3.50
.138
15.00
1.15
.020
5.08
2.54
7.40
5.08
0.25
0.50
.045
.200
.100
.591
.291
.200
.010
8.20
.323
0.65
.026
3.50
.138
5.08
2.54
8-1.0 dia.
10.16
.200
.100
8-.039 dia.
.400
5.08
2.54
10-1.0 dia.
12.7
.200
.100
10-.039 dia.
.500
15.00
7.40
1.15
.020
5.08
2.54
0.25
5.08
0.50
.045
.200
.100
.591
.291
.200
.010
8.20
.323
0.65
.026
3.50
.138
15.00
1.15
.020
0.50
5.08
2.54
.045
.200
.100
7.40
.591
.291
5.08
.200
0.25
.010
8.20
.323
0.65
.026
3.50
.138
(1.15)
(.045)
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
Direction indication
12
10 9 8
1
3 4 5
+
Direction indication
12
10 9 8
1
3 4 5
+
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
Direction indication
12
10 9 8 7
1
3
4 5 6
+
+
CAD Data
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
2.54
.100
8.2
.323
0.5
.020
0.25
.010
8.4
.331
9.4
±0.5
.370
±.020
.291
7.4
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
.591
15
0.65
5.08
5.08
.200
2.54
8.2
.323
0.5
0.25
Max.10
.394
9.4
±0.5
.370
±.020
.291
7.4
.026
.200
.010
.020
.100
.591
15
0.65
5.08
5.08
.200
2.54
8.2
.323
0.5
0.25
Max.10
.394
9.4
±0.5
.370
±.020
.291
7.4
.026
.200
.010
.020
.100
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
5.08
.200
1
.039
.100
2.54
.124
3.16
7.24
.285
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
.591
15
0.65
.026
5.08
.200
5.08
.200
0.25
.010
0.5
.020
8.2
.323
2.54
.100
Max.10
.394
7.4
±0.5
.291
±.020
.291
7.4
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246
5.08
.100
2.54
.200
1
.039
.085
2.16
6.24
.246
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - TXS2-L2-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-L2-4.5V PANASONIC-TXS2-L2-4.5V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TXS2-L2-4.5V

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2604-TT-R PUI-AI-2604-TT-R Datasheet
215Kb / 1P
   ADDED PIN LAYOUT AND IDENTIFICATION
logo
STMicroelectronics
AN821 STMICROELECTRONICS-AN821 Datasheet
40Kb / 4P
   NEW LAYOUT INSULATION REQUIREMENT
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Omron Electronics LLC
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
   30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
RAYEX ELECTRONICS CO., ...
LT-12GS RAYEX-LT-12GS Datasheet
547Kb / 2P
   LT SERIES
logo
Projects Unlimited, Inc...
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
   ADDED TERMINAL POLARITY
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
logo
Siemens Semiconductor G...
BP104S SIEMENS-BP104S Datasheet
47Kb / 4P
   Neu: Silizium-PIN-Fotodiode, New: Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com