Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBFJ212 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBFJ212
Description  N-Channel RF Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBFJ212 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBFJ212 Datasheet HTML 1Page - Fairchild Semiconductor MMBFJ212 Datasheet HTML 2Page - Fairchild Semiconductor MMBFJ212 Datasheet HTML 3Page - Fairchild Semiconductor MMBFJ212 Datasheet HTML 4Page - Fairchild Semiconductor MMBFJ212 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
V DS = 15 V, V GS = 0
210
211
212
2.0
7.0
15
15
20
40
mA
mA
mA
Typical Characteristics
Parameter Interactions
Common Drain-Source
V (BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0
µA, V DS = 0
- 25
V
IGSS
Gate Reverse Current
V GS = 15 V, V DS = 0
- 100
pA
V GS(off)
Gate-Source Cutoff Voltage
V DS = 15 V, I D = 1.0 nA
210
211
212
-1.0
- 2.5
- 4.0
-3.0
- 4.5
- 6.0
V
V
V
gfs
Common Source Forward
Transconductance
V DS = 15 V, V GS = 0, f = 1.0 kHz
210
211
212
4000
6000
7000
12,000
12,000
12,000
µmhos
µmhos
µmhos
goss
Common Source Output
Conductance
V DS = 15 V, V GS = 0, f = 1.0 kHz
200
µmhos
*Pulse Test: Pulse Width ≤300 µS
N-Channel RF Amplifier
(continued)


Similar Part No. - MMBFJ212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBFJ211 ONSEMI-MMBFJ211 Datasheet
690Kb / 9P
   N-Channel RF Amplifier
September-2017, Rev. 2
More results

Similar Description - MMBFJ212

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com