Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBP1208 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # GBP1208
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GBP1208 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  GBP1208 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GBP1208 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd GBP1208 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd GBP1208 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20110725
GBPC12,15,25 AND 35 Series
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts Current Voltage - 12.0 to 35.0 Amperes
FEATURES
•The plastic package has Underwriters Laboratory Flammability Classification 94V-0
•This series is UL recognized under component index, file number E54214
•Integrally molded heatsink provides very low thermal resistance for maximum heat
dissipation
•Universal 3-way terminals; snap-on, wire wrap-around, or P.C.B. mounting
•High forward surge current capabilities
•Glass passivated chip junctions
•Typical IR less than 0.3mA
•High temperature soldering guaranteed:
260°C/10 seconds at 5lbs. (2.3 kg) tension
•High temperature soldering : 260
OC / 10 seconds at terminals
•Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case: Molded plastic with heatsink integrally mounted in the bridge encapsulation
•Terminals: Either plated 0.25" (6.35mm). Faston lugs or plated copper leads 0.040"
(1.02mm) diameter. Suffix letter "W" added to indicate leads (e.g. GBPC12005W).
•Mounting Position: See NOTE 3
•Polarity: Polarity symbols molded on body
•Mounting Torque: 20 in. - lb. max. Weight: 0.53 ounce, 15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
GBPC12, 15, 25, 35
SYMBOLS
005
01
02
04
06
08
10
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward
GBPC12
rectified output current
GBPC15
(SEE FIG.1)
GBPC25
GBPC35
I(AV)
12.0
15.0
25.0
35.0
Amps
Peak forward surge current single
GBPC12
sine-wave superimposed on
GBPC15
rated load (JEDEC Method)
GBPC25
GBPC35
IFSM
200.0
300.0
300.0
400.0
Amps
Rating (non-repetitive, for t
GBPC12
greater than 1ms and less
GBPC15
than 8.3ms) for fusing
GBPC25
GBPC35
I2t
160.0
375.0
375.0
660.0
A2 sec
Maximum instantaneous
GBPC12
IF=6.0A
forward voltage drop per
GBPC15
IF=7.5A
leg at
GBPC25
IF=12.5A
GBPC35
IF=17.5A
VF
1.1
Volts
Maximum reverse DC current at rated
TA=25°C
DC blocking voltage per leg
TA=125°C
IR
5.0
500.0
uA
RMS isolation voltage from case to leads
VISO
2500.0
Volts
Typical junction capacitance per leg (NOTE 1)
CJ
300.0
pF
Typical thermal resistance per leg (NOTE 2)
GBPC12-25
GBPC35
RQJC
1.9
1.4
°C/W
Operating junction storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to case per leg
(3) Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw


Similar Part No. - GBP1208

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GBP10 SUNMATE-GBP10 Datasheet
444Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBP10 HY-GBP10 Datasheet
491Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
GBP1005 LUGUANG-GBP1005 Datasheet
166Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
GBP1005 DSK-GBP1005 Datasheet
156Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBP101 LUGUANG-GBP101 Datasheet
166Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - GBP1208

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com