Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETEE2W121KJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETEE2W121KJ
Description  Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETEE2W121KJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETEE2W121KJ Datasheet HTML 1Page - Panasonic Semiconductor EETEE2W121KJ Datasheet HTML 2Page - Panasonic Semiconductor EETEE2W121KJ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EE
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
400
100
22
25
EETEE2G1O1HJ
0.95
0.15
200
120
22
30
EETEE2G121HJ
1.22
0.15
200
150
22
35
EETEE2G151HJ
1.33
0.15
200
180
25
30
EETEE2G181JJ
1.33
0.15
200
30
25
EETEE2G181KJ
1.68
0.15
200
220
22
45
EETEE2G221HJ
1.55
0.15
200
25
35
EETEE2G221JJ
1.55
0.15
200
30
30
EETEE2G221KJ
1.79
0.15
200
35
25
EETEE2G221LJ
1.79
0.15
200
270
22
50
EETEE2G271HJ
1.68
0.15
200
25
40
EETEE2G271JJ
1.68
0.15
200
30
35
EETEE2G271KJ
2.12
0.15
100
320
25
45
EETEE2G321JJ
1.90
0.15
200
330
30
40
EETEE2G331KJ
2.33
0.15
100
35
30
EETEE2G331LJ
2.33
0.15
200
370
25
50
EETEE2G371JJ
2.12
0.15
200
390
30
45
EETEE2G391KJ
2.52
0.15
100
35
35
EETEE2G391LJ
2.52
0.15
100
470
30
50
EETEE2G471KJ
2.85
0.15
100
35
40
EETEE2G471LJ
2.85
0.15
100
560
35
45
EETEE2G561LJ
3.18
0.15
100
450
75
22
25
EETEE2W750HJ
0.83
0.20
200
100
22
30
EETEE2W101HJ
0.95
0.20
200
25
25
EETEE2W101JJ
0.95
0.20
200
120
22
35
EETEE2W121HJ
1.15
0.20
200
25
30
EETEE2W121JJ
1.22
0.20
200
30
25
EETEE2W121KJ
1.22
0.20
200
150
22
40
EETEE2W151HJ
1.22
0.20
200
180
22
45
EETEE2W181HJ
1.38
0.20
200
25
40
EETEE2W181JJ
1.38
0.20
200
30
30
EETEE2W181KJ
1.60
0.20
200
35
25
EETEE2W181LJ
1.60
0.20
200
220
25
45
EETEE2W221JJ
1.55
0.20
200
250
35
30
EETEE2W251LJ
1.90
0.20
200
270
25
50
EETEE2W271JJ
1.74
0.20
200
30
40
EETEE2W271KJ
1.90
0.20
100
300
35
35
EETEE2W301LJ
2.20
0.20
100
330
30
45
EETEE2W331KJ
2.20
0.20
100
35
40
EETEE2W331LJ
2.40
0.20
100
390
30
50
EETEE2W391KJ
2.40
0.20
100
35
45
EETEE2W391LJ
2.61
0.20
100
470
35
50
EETEE2W471LJ
2.85
0.20
100
Endurance : 105 °C 3000 h
Terminal Pitch : 10 mm
✽ When capacitors of φ35×45L and φ35×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETEE2W121KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2D102CA PANASONIC-EETED2D102CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2D102CA PANASONIC-EETED2D102CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2D102CA PANASONIC-EETED2D102CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2D102CA PANASONIC-EETED2D102CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2D102DA PANASONIC-EETED2D102DA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETEE2W121KJ

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com