Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7302-ADUHNSP Datasheet(PDF) 3 Page - Orister Corporation

Part # RS7302-ADUHNSP
Description  600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7302-ADUHNSP Datasheet(HTML) 3 Page - Orister Corporation

  RS7302-ADUHNSP Datasheet HTML 1Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 2Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 3Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 4Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 5Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 6Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 7Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 8Page - Orister Corporation RS7302-ADUHNSP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page No. : 3/11
DS‐RS7302‐02    September, 2009 
www.Orister.com
CE & Discharge Function Selection Table 
EN Type 
EN Type 
EEE 
CODE 
Type 1 
Type 2 
Discharge
EEE 
CODE 
Type 1 
Type 2 
Discharge
NHF 
None 
High Active 
Fast 
UHN 
Pull High 
High Active 
Normal 
NLF 
None 
Low Active 
Fast 
ULN 
Pull High 
Low Active 
Normal 
NHN 
None 
High Active 
Normal 
DHF 
Pull Low 
High Active 
Fast 
NLN 
None 
Low Active 
Normal 
DLF 
Pull Low 
Low Active 
Fast 
UHF 
Pull High 
High Active 
Fast 
DHN 
Pull Low 
High Active 
Normal 
ULF 
Pull High 
Low Active 
Fast 
DLN 
Pull Low 
Low Active 
Normal 
Block Diagram 
 
 
 
Absolute Maximum Ratings 
Parameter 
Symbol 
Ratings 
Units
Input Voltage VIN to GND 
VIN 
9.0 
Output Current Limit, I(LIMIT) 
ILIMIT 
1.0 
Junction Temperature 
TJ 
+155 
o
SOT‐25 
155 
SC‐70‐5 
333 
Thermal Resistance 
SOP‐8 
θ
JA 
60 
oC/W
SOT‐25 
350 
SC‐70‐5 
250 
Power Dissipation 
SOP‐8 
PD 
1670 
mW 
Operating Ambient Temperature 
TOPR ‐40 ~ +85 
o
Storage Temperature 
TSTG ‐55~+150 
o
Lead Temperature (soldering, 10sec) ‐ 
+260 
o
NOTES: 
1
The power dissipation values are based on the condition that junction temperature TJ and ambient temperature TA difference is 
100°C. 
2
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress 
ratings only, and function operation of the device at these or any other conditions beyond those indicated under “recommended 
operating conditions” is not implied. Exposure to absolute‐maximum –rated conditions for extended periods may affect device 
reliability. 
 
 


Similar Part No. - RS7302-ADUHNSP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MG ORISTER-RS7300-15MG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15MP ORISTER-RS7300-15MP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NG ORISTER-RS7300-15NG Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
RS7300-15NP ORISTER-RS7300-15NP Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7302-ADUHNSP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com