Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHE1260-QAG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHE1260-QAG
Description  10-27GHz Bidirectionnal Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHE1260-QAG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHE1260-QAG Datasheet HTML 1Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 2Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 3Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 4Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 5Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 6Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 7Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 8Page - United Monolithic Semiconductors CHE1260-QAG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CHE1260-QAG
10-27GHz Detector
Ref. : DSCHE1260QAG0200 - 19 Jul 10
2/14
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Electrical Characteristics
Tamb = +25°C, VDC = +4.5V (on DC_I and DC_R)
Symbol
Parameter
Min
Typ
Max
Unit
F
Frequency range
10
27
GHz
IL
Insertion Loss
1
dB
Cd
Coupler Directivity
15
dB
Dr
Dynamic Range :
10 - 12GHz
12 - 24GHz
24 - 27GHz
15
8
15
dB
dB
dB
Pd
Power detection :
10 - 17GHz
17 - 21GHz
21 - 24GHz
24 - 27GHz
-1
-3
-6
-8
dBm
dBm
dBm
dBm
Vdetect_I
Voltage detection from transmitted power
Vref_R – Vdet_I
From Pd_min to Pd_max
20
3500
mV
Vdetect_R
Voltage detection from reflected power
Vref_I – Vdet_R
From Pd_min to Pd_max
20
3500
mV
RLin
Input return loss
-12
-9
dB
RLout
Output return loss
-12
-9
dB
VDC
Bias Voltage
4.5
V
IDC
Bias Current (on ports DC_I or DC_R)
25
33
45
µA
These values are representative of on board measurements as defined in notes, with 100k
Ω resistor in
parallel on pads Vdet_I, Vref_I, Vdet_R and Vref_R (see notes).
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
VDC
Bias voltage (on ports DC_I and DC_R)
6
V
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
P_max
Maximum power
(for transmitted and/or reflected power)
30
dBm
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
Thermal datas: Pdc_max = 50µA x 1V = 50µW and PRF_max = 20mW
Tj_max = 175°C for maximum ratings


Similar Part No. - CHE1260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
More results

Similar Description - CHE1260-QAG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHE1260-QAG UMS-CHE1260-QAG_15 Datasheet
712Kb / 14P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260 Datasheet
704Kb / 8P
   10-27GHz Bidirectionnal Detector
CHE1260 UMS-CHE1260_15 Datasheet
585Kb / 10P
   10-27GHz Bidirectionnal Detector
CHE1260-QAG UMS-CHE1260-QAG Datasheet
785Kb / 10P
   12-27GHz Bidirectionnal Detector
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
VGA-P014458-QGG UMS-VGA-P014458-QGG Datasheet
723Kb / 16P
   17-27GHz Variable Gain Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
logo
Sensortechnics GmbH
50190401 SENSORTECHNICS-50190401 Datasheet
226Kb / 2P
   10 mm짼 PIN detector
logo
United Monolithic Semic...
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com