Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-381F-TR1G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381F-TR1G
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381F-TR1G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381F-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Typical Parameters at T
C = 25°C
Part Number
Series Resistance
Carrier Lifetime
Reverse Recovery Time
Total
Capacitance
HSMP-
R
S (Ω)
W (ns)
T
rr (ns)
C
T (pF)
381x
53
1500
300
0.27 @ 50 V
Test Conditions
I
F
= 1 mA
f = 100 MHz
I
F
= 50 mA
I
R
= 250 mA
V
R
= 10 V
I
F
= 20 mA
90% Recovery
f = 1 MHz
Typical Parameters at T
C = 25°C (unless otherwise noted), Single Diode
10000
1000
100
10
1
0.01
0.1
1
10
100
IF – FORWARD BIAS CURRENT (mA)
T
A = +85 C
T
A = +25 C
T
A = –55 C
Figure 2. RF Resistance vs. Forward
Bias Current, f = 100MHz
0.15
0.30
0.25
0.20
0.35
0.40
0.45
02
6
410 12
816
14
18 20
REVERSE VOLTAGE (V)
Figure 1. RF Capacitance vs. Reverse
Bias.
1 MHz
30 MHz
frequency>100 MHz
120
110
100
90
80
70
60
50
40
1000
100
10
Diode Mounted as a
Series Attenuator
in a 50 Ohm Microstrip
and Tested at 123 MHz
DIODE RF RESISTANCE (OHMS)
Figure 3. 2nd Harmonic Input
Intercept Point vs. Diode RF
Resistance.
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 4. Forward Current vs. Forward
Voltage.
125 C
25 C –50 C
INPUT
RF IN/OUT
Figure 5. Four Diode
π Attenuator. See Application Note 1048
for Details.
FIXED
BIAS
VOLTAGE
VARIABLE BIAS
Typical Applications for Multiple Diode Products
Notes:
3. Typical values were derived using limited samples during initial product characterization and may not be representative of the overall distribution.


Similar Part No. - HSMP-381F-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-381F-TR1 HP-HSMP-381F-TR1 Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
More results

Similar Description - HSMP-381F-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 BOARDCOM-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com