Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQP7C01K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQP7C01K
Description  Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQP7C01K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQP7C01K Datasheet HTML 1Page - Panasonic Semiconductor EVQP7C01K Datasheet HTML 2Page - Panasonic Semiconductor EVQP7C01K Datasheet HTML 3Page - Panasonic Semiconductor EVQP7C01K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Light Touch Switches/EVQP7/P3/9P7
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES100 –
T
W
A
E
C
D
r
t
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
through hall
Circuit diagram
PWB land pattern for reference
1
2
1.7
3.9
4.7
3.5
2
2
1
1
2
1
(2.8)
2.2
±0.1
4.05
±0.1
5.5
±0.1
1.2
±0.1
0.6
0.1 max.
Standard Reel Dimensions in mm (not to scale)
Recommended Reflow Soldering Conditions
Embossed Carrier Taping
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQP7, EVQP3
EVQ9P7
1.35
5.2±0.2
4.5±0.2
12.0±0.3
5.5±0.1
1.75±0.10
8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.3±0.1
1.5±0.2
–0
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0 min. φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
13.5±1.0
17.5±1.0
1.0 to 3.0
1.0±0.5
Unit: mm
Straight terminals, L-shape terminals type
J-bent type
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQP3401K2.2 N1.35 mm
Black100000 cycles
EVQ9P701K
1.6 N
1.35 mm
Black100000 cycles
No. 5
Dimensions in mm (not to scale)
EVQP3
EVQ9P
(Embossed Taping)
With L-shape terminals
Without boss
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQP7, EVQP3
1.35
4.5±0.2
4.5±0.2
12.0±0.3
5.5±0.1
1.75±0.10
8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.3±0.1
1.5±0.2
–0
Sep. 2010
00


Similar Part No. - EVQP7C01K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP7C01K PANASONIC-EVQP7C01K Datasheet
144Kb / 4P
   3.5 mm2.9 mm Side-operational SMD Light Touch Switches
More results

Similar Description - EVQP7C01K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
EVQ-QXT03W PANASONIC-EVQ-QXT03W Datasheet
145Kb / 3P
   Light Touch Switches/EVQQX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com