Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C30W Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BZX84C30W
Description  ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX84C30W Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BZX84C30W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX84C30W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX84C30W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120305
BZX84C Series
DEVICE CHARACTERISTICS
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
100
10
1
10
100
Fig.1 TEMPERATURE COEFFICENTS
Fig.2 TEMPERATURE COEFFICENTS
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.3 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
NOMINAL ZENER VOLTAGE,VOLTS
NOMINAL ZENER VOLTAGE,VOLTS
FORWARD VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
BZX84C11W
KP1
11
10.4
11.6
5.0
20
150
1.0
0.1
8.0
5.4
9.0
BZX84C12W
KP2
12
11.4
12.7
5.0
25
150
1.0
0.1
8.0
6.0
10.0
BZX84C13W
KP3
13
12.4
14.1
5.0
30
150
1.0
0.1
8.0
7.0
11.0
BZX84C15W
KP4
15
13.8
15.6
5.0
30
170
1.0
0.1
10.5
9.2
13.0
BZX84C16W
KP5
16
15.3
17.1
5.0
40
200
1.0
0.1
11.2
10.4
14.0
BZX84C18W
KP6
18
16.8
19.1
5.0
45
200
1.0
0.1
12.6
12.4
16.0
BZX84C20W
KP7
20
18.8
21.2
5.0
55
225
1.0
0.1
14.0
14.4
18.0
BZX84C22W
KP8
22
20.8
23.3
5.0
55
225
1.0
0.1
15.4
16.4
20.0
BZX84C24W
KP9
24
22.8
25.6
5.0
70
250
1.0
0.1
16.8
18.4
22.0
BZX84C27W
KPA
27
25.1
28.9
2.0
80
250
0.5
0.1
18.9
21.4
25.3
BZX84C30W
KPB
30.0
28.0
32.0
2.0
80
300
0.5
0.1
21.0
24.4
29.4
BZX84C33W
KPC
33.0
31.0
35.0
2.0
80
300
0.5
0.1
23.1
37.4
33.4
BZX84C36W
KPD
36.0
34.0
38.0
2.0
90
325
0.5
0.1
25.2
30.4
37.4
BZX84C39W
KPE
39.0
37.0
41.0
2.0
130
350
0.5
0.1
27.3
33.4
41.2
Notes:1. Tested with pulses,300µs pulse width,2% duty cycle.
2. = 1KHz.


Similar Part No. - BZX84C30W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C30W PANJIT-BZX84C30W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C30W HTSEMI-BZX84C30W Datasheet
243Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
BZX84C30W DIODES-BZX84C30W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
BZX84C30W LUGUANG-BZX84C30W Datasheet
249Kb / 3P
   Zener Diode
logo
Micro Commercial Compon...
BZX84C30W MCC-BZX84C30W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
More results

Similar Description - BZX84C30W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com