Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ2RED1002C Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERJ2RED1002C
Description  Precision Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ2RED1002C Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERJ2RED1002C Datasheet HTML 1Page - Panasonic Semiconductor ERJ2RED1002C Datasheet HTML 2Page - Panasonic Semiconductor ERJ2RED1002C Datasheet HTML 3Page - Panasonic Semiconductor ERJ2RED1002C Datasheet HTML 4Page - Panasonic Semiconductor ERJ2RED1002C Datasheet HTML 5Page - Panasonic Semiconductor ERJ2RED1002C Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Precision Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Preheating
Peak
Heating
Time
Chip Resistor
a
b
Type (inches)
Dimensions (mm)
ab
c
ERJXG
(01005)
0.15 to 0.2
0.5 to 0.7
0.20 to 0.25
ERJ1G, 1R
(0201)
0.3 to 0.4
0.8 to 0.9
0.25 to 0.35
ERJ2R
(0402)
0.5 to 0.6
1.4 to 1.6
0.4 to 0.6
ERJ3R, 3EK (0603)
0.7 to 0.9
2 to 2.2
0.8 to 1
ERJ6R, 6EN (0805)
1 to 1.4
3.2 to 3.8
0.9 to 1.4
ERJ8EN
(1206)
2 to 2.4
4.4 to 5
1.2 to 1.8
ERJ14N
(1210)
2 to 2.4
4.4 to 5
1.8 to 2.8
ERJ12N
(1812)
3.3 to 3.7
5.7 to 6.5
2.3 to 3.5
ERJ12S
(2010)
3.6 to 4
6.2 to 7
1.8 to 2.8
ERJ1TN
(2512)
5 to 5.4
7.6 to 8.6
2.3 to 3.5
Temperature
Time
Preheating
140 °C to 160 °C
60 s to 120 s
Main heating
Above 200 °C
30 s to 40 s
Peak
235 ± 5 °C
max. 10 s
Temperature
Time
Preheating
150 °C to 180 °C
60 s to 120 s
Main heating
Above 230 °C
30 s to 40 s
Peak
max. 260 °C
max. 10 s
For soldering
For lead-free soldering
Temperature
TimeTemperature
Time
Preheating
140 °C to 180 °C
60 s to 120 s
150 °C to 180 °C
60 s to 120 s
Soldering
245 ± 5 °C
20 s to 30 s
max. 260 °C
max. 10 s
Recommended Land Pattern
In case of flow soldering, the land width must be smaller than the Chip Resistor width to control the solder amount properly.
Generally, the land width should be 0.7 to 0.8 times (W) of the width of chip resistor. In case of reflow soldering, solder
amount can be adjusted, therefore the land width should be set to 1.0 to 1.3 times chip resistor width (W).
Recommended Soldering Conditions
Recommendations and precautions are described below.
● Recommended soldering conditions for reflow
· Reflow soldering shall be performed a maximum of
two times.
· Please contact us for additional information when
used in conditions other than those specified.
· Please measure the temperature of the terminals
and study every kind of solder and printed circuit
board for solderability before actual use.
For soldering (Example : Sn/Pb)
For lead-free soldering (Example : Sn/Ag/Cu)
● Recommended soldering conditions for flow
Safety Precautions
The following are precautions for individual products. Please also refer to the precautions common to Fixed Resistors
shown on page ER2 of this catalog.
1. Take measures against mechanical stress during and after mounting of Precision Thick Film Chip Resistors (hereafter
called the resistors) so as not to damage their electrodes and protective coatings.
2. If a transient load (heavy load in a short time) like a pulse is expected to be applied, check and evaluate the operations
of the resistors when installed in your products before use.
Never exceed the rated power. Otherwise, the performance and/or reliability of the resistors may be impaired.
3. Do not use halogen-based or other high-activity flux. Otherwise, the residue may impair the resistors' performance
and/or reliability.
4. When soldering with a soldering iron, never touch the resistors' bodies with the tip of the soldering iron. When using a
soldering iron with a high temperature tip, finish soldering as quickly as possible (within three seconds at 350 °C max.).
5. As the amount of applied solder becomes larger, the mechanical stress applied to the resistors increases, causing
problems such as cracks and faulty characteristics. Avoid applying an excessive amount of solder.
6. Do not apply shock to the resistors or pinch them with a hard tool (e.g. pliers and tweezers). Otherwise, the resistors'
protective coatings and bodies may be chipped, affecting their performance.
7. Avoid excessive bending of printed circuit boards in order to protect the resistors from abnormal stress.
Feb. 2006


Similar Part No. - ERJ2RED1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ2RED1002C PANASONIC-ERJ2RED1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RED1002C PANASONIC-ERJ2RED1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ2RED1002C PANASONIC-ERJ2RED1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RED1002C PANASONIC-ERJ2RED1002C Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ2RED1002C PANASONIC-ERJ2RED1002C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ2RED1002C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-14NF1071U PANASONIC-ERJ-14NF1071U Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ3EKF2000V PANASONIC-ERJ3EKF2000V Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF1001C PANASONIC-ERJ-1GEF1001C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-1GEF8251C PANASONIC-ERJ-1GEF8251C Datasheet
315Kb / 6P
   Precision Thick Film Chip Resistors
ERJ-2RKF10R0X PANASONIC-ERJ-2RKF10R0X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF1004X PANASONIC-ERJ-2RKF1004X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-2RKF2153X PANASONIC-ERJ-2RKF2153X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-8ENF2004V PANASONIC-ERJ-8ENF2004V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
ERJ-3EKF6800V PANASONIC-ERJ-3EKF6800V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Battery Group
ERJ-3EKF16R5V PANASONICBATTERY-ERJ-3EKF16R5V Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-2RKF1800X PANASONIC-ERJ-2RKF1800X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com