Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-3810-TR1G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3810-TR1G
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3810-TR1G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3810-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3810-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
9 MAX
A0
P
P0
D
P2
E
F
W
D1
Ko
8 MAX
B0
13.5 MAX
t1
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
3.15
± 0.10
2.77
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.05
0.124
± 0.004
0.109
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039
± 0.002
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50 + 0.10
4.00
± 0.10
1.75
± 0.10
0.059 + 0.004
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 + 0.30 - 0.10
0.229
± 0.013
0.315 + 0.012 - 0.004
0.009
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
BETWEEN
CENTERLINE
Tape Dimensions and Product Orientation
For Outline SOT-23
Device Orientation
For Outlines SOT-23/323


Similar Part No. - HSMP-3810-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3810-TR1 HP-HSMP-3810-TR1 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3810-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 BOARDCOM-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com