Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC12005 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # GBPC12005
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GBPC12005 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  GBPC12005 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GBPC12005 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd GBPC12005 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd GBPC12005 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20110725
GBPC12,15,25 AND 35 Series
DEVICE CHARACTERISTICS
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
1
10
100
50
100
600
0
20
40
60
80
100
0.01
0.1
1
10
100
FIG. 5 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 6 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
TJ=25°C
TJ=125°C
TJ=150°C
REVERSE VOLTAGE, VOLTS
FIG. 7 - TYPICAL JUNCTION CAPACITANCE
PER LEG
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
t, HEATING TIME, sec.
FIG. 8 - TYPICAL TRANSIENT THERMAL
IMPEDANCE PER LEG
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
50-400V
600-1000V


Similar Part No. - GBPC12005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GBPC12005 GE-GBPC12005 Datasheet
70Kb / 4P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC12005 PANJIT-GBPC12005 Datasheet
41Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
ON Semiconductor
GBPC12005 ONSEMI-GBPC12005 Datasheet
329Kb / 7P
   Bridge Rectifiers (Glass Passivated)
July, 2020 - Rev. 2
logo
Pan Jit International I...
GBPC12005W PANJIT-GBPC12005W Datasheet
43Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
More results

Similar Description - GBPC12005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com