Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6517 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA6517
Description  6-18GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6517 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA6517 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA6517
6-18GHz High Power Amplifier
Ref. DSCHA65179250 - 07 Sept 09
8/10
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
21
20
19
18
17
16
15
8
7
6
5
4
3
2
1
11
12
22
10
13
14
9
4 320±35
955
2 150
1 750
3 145
2 945
130
630
1 820
2 075
3 270
3 470
2 075
1 825
3 770
430
755
3 745
000
Chip Mechanical Data and Pin references
Chip thickness = 70µm +/- 10µm
HF pads (1, 7, 16, 22) = 118 x 196
DC pads = 96 x 96
Pin number
Pin name
Description
1, 22
IN
Input RF port
2, 3, 4, 19, 20, 21
VG
Negative supply voltage
5, 9, 14, 18
GND
Ground (NC)
11, 12
VD1
Positive supply voltage
10, 13
VD2
Positive supply voltage
6, 8, 15, 17
VD3
Positive supply voltage
7, 16
OUT
Output RF port
4 195


Similar Part No. - CHA6517

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
CHA6517-99F/00 UMS-CHA6517-99F/00 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
More results

Similar Description - CHA6517

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
   6-18GHz 1W Balanced Amplifier Module
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com