Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6517 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA6517
Description  6-18GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6517 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA6517 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6517 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6-18GHz High Power Amplifier
CHA6517
Ref. DSCHA65179250 - 07 Sept 09
5/10
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
In test jig Measurements (one channel):
Vd=8V, Id (Quiescient)=0.6A, S parameters, CW mode:
Gain versus Frequency and Temperature (-40°C, +25°C and +70°C)
Input and Output Return losses versus Frequency and Temperature
dBS11
dBS22
Temp= -40°C
Temp= +25°C
Temp= +70°C


Similar Part No. - CHA6517

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
CHA6517-99F/00 UMS-CHA6517-99F/00 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
More results

Similar Description - CHA6517

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3511 UMS-CHA3511 Datasheet
361Kb / 10P
   6-18GHz Amplifier
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
   6 ??18GHz 20W GaN Power Amplifier
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
   6 ??18GHz 10W GaN Power Amplifier
logo
Transcom, Inc.
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
   6 - 18GHz 20 dBm Amplifier
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
   6-18GHz 1W Balanced Amplifier Module
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3514 UMS-CHA3514_15 Datasheet
281Kb / 10P
   6-18GHz 4 bit Digital Variable Amplifier
CHA3512 UMS-CHA3512 Datasheet
518Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3512 UMS-CHA3512_08 Datasheet
452Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
CHA3513 UMS-CHA3513 Datasheet
873Kb / 10P
   6-18GHz 3 bit Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com