Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBFJ202 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MMBFJ202
Description  N-Channel General Purpose Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBFJ202 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MMBFJ202 Datasheet HTML 4Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 5Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 6Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 7Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 8Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 9Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 10Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 11Page - Fairchild Semiconductor MMBFJ202 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ITEM DESCRIPTION
Base of Package to Lead Bend
Component Height
Lead Clinch Height
Component Base Height
Component Alignment ( side/side )
Component Alignment ( front/back )
Component Pitch
Feed Hole Pitch
Hole Center to First Lead
Hole Center to Component Center
Lead Spread
Lead Thickness
Cut Lead Length
Taped Lead Length
Taped Lead Thickness
Carrier Tape Thickness
Carrier Tape Width
Hold - down Tape Width
Hold - down Tape position
Feed Hole Position
Sprocket Hole Diameter
Lead Spring Out
SYMBOL
b
Ha
HO
H1
Pd
Hd
P
PO
P1
P2
F1/F2
d
L
L1
t
t1
W
WO
W1
W2
DO
S
DIMENSION
0.098 (max)
0.928 (+/- 0.025)
0.630 (+/- 0.020)
0.748 (+/- 0.020)
0.040 (max)
0.031 (max)
0.500 (+/- 0.020)
0.500 (+/- 0.008)
0.150 (+0.009, -0.010)
0.247 (+/- 0.007)
0.104 (+/- 0 .010)
0.018 (+0.002, -0.003)
0.429 (max)
0.209 (+0.051, -0.052)
0.032 (+/- 0.006)
0.021 (+/- 0.006)
0.708 (+0.020, -0.019)
0.236 (+/- 0.012)
0.035 (max)
0.360 (+/- 0.025)
0.157 (+0.008, -0.007)
0.004 (max)
Note : All dimensions are in inches.
ITEM DESCRIPTION
SYSMBOL
MINIMUM
MAXIMUM
Reel Diameter
D1
13.975
14.025
Arbor Hole Diameter (Standard)
D2
1.160
1.200
(Small Hole)
D2
0.650
0.700
Core Diameter
D3
3.100
3.300
Hub Recess Inner Diameter
D4
2.700
3.100
Hub Recess Depth
W1
0.370
0.570
Flange to Flange Inner Width
W2
1.630
1.690
Hub to Hub Center Width
W3
2.090
Note: All dimensions are inches
TO-92 Tape and Reel Taping
Dimension Configuration: Figure 4.0
Ha
H1 HO
PO
P2
P1 F1
DO
P
Pd
b
d
L1
L
S
WO
W2
W
t
t1
Hd
W1
TO-92 Reel
Configuration: Figure 5.0
User Direction of Feed
SENSI TIVE DEVICES
ELECT ROSTATIC
D1
D3
Customized Label
W2
W1
W3
F63TNR Label
D4
D2
TO-92 Tape and Reel Data, continued
July 1999, Rev. A


Similar Part No. - MMBFJ202

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ202 FAIRCHILD-MMBFJ202 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
More results

Similar Description - MMBFJ202

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457_1 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
TIS75 FAIRCHILD-TIS75 Datasheet
27Kb / 4P
   N-Channel General Purpose Amplifier
logo
New Jersey Semi-Conduct...
TIS75 NJSEMI-TIS75 Datasheet
73Kb / 2P
   N-Channel General Purpose Amplifier
logo
Fairchild Semiconductor
PN4302 FAIRCHILD-PN4302 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
PN4303 FAIRCHILD-PN4303 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201_08 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
TIS73 FAIRCHILD-TIS73 Datasheet
35Kb / 4P
   N-Channel General Purpose Amplifier
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com