Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSSR-7111 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7111
Description  90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSSR-7111 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSSR-7111 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7111 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Thermal Resistance
Maximum Output MOSFET Junction to Case – θJC =
15°C/W
ESD Classification
(MIL-STD-883, Method 3015) .......................... (
), Class 2
Outline Drawing
8-pin DIP Through Hole
Device Marking
3.81 (0.150 )
MIN.
4.32 (0.170 )
MAX.
9.40 (0.370)
9.91 (0.390)
0.51 (0.020 )
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.76 (0.030)
1.27 (0.050)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008 )
0.33 (0.013 )
7.16 (0.282 )
7.57 (0.298 )
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
COMPLIANCE INDICATOR, *
DATE CODE, SUFFIX
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
COUNTRY OF MFR.
AVAGO CAGE CODE*
AVAGO
DESIGNATOR
DLA SMD*
PIN ONE/
ESD IDENT
AVAGO P/N
DLA SMD*
* QUALIFIED PARTS ONLY
(IF NEEDED)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
UnitsNote
Storage Temperature Range
TS
-65°+150°
C
Operating Ambient Temperature
TA
-55°+125°
C
Junction Temperature
TJ
+150°
C
Operating Case Temperature
TC
+145°
C1
Lead Solder Temperature
(1.6 mm below seating plane)
260° for 10 sC
Average Input Current
IF
20
mA
Peak Repetitive Input Current
(Pulse Width < 100 ms; duty cycle < 50%)
IFPK
40
mA
Peak Surge Input Current
(Pulse Width < 0.2 ms; duty cycle < 0.1%)
IFPK surge
100
mA
Reverse Input Voltage
VR
5V
Average Output Current - Figure 2
Connection A
Connection B
IO
0.8
1.6
A
A
Single Shot Output Current - Figure 3
Connection A (Pulse width < 10 ms)
Connection B (Pulse width < 10 ms)
IOPK surge
5.0
10.0
A
A
Output Voltage
Connection A
Connection B
VO
-90
0
90
90
V
V
Average Output Power Dissipation - Figure 4
800
mW
2


Similar Part No. - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7111 HP-HSSR-7111 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
HSSR-7111 AVAGO-HSSR-7111 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7111 BOARDCOM-HSSR-7111 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - HSSR-7111

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com