Electronic Components Datasheet Search |
|
HSMP-381F Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HSMP-381F Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 9 page 2 Absolute Maximum Ratings[1] T C = +25°C Symbol Parameter Unit SOT-23 SOT-323 I f Forward Current (1 μs Pulse) Amp 1 1 P IV Peak Inverse Voltage V Same as V BR Same as V BR T j Junction Temperature °C 150 150 T stg Storage Temperature °C -65 to 150 -65 to 150 T jc Thermal Resistance [2] °C/W 500 150 Notes: 1. Operation in excess of any one of these conditions may result in permanent damage to the device. 2. T C = +25°C, where T C is defined to be the temperature at the package pins where contact is made to the circuit board. Electrical Specifications T C = +25°C (Each Diode) Conventional Diodes Part Number HSMP- Package Marking Code Lead Code Configuration Minimum Breakdown Voltage V BR (V) Maximum Total Capacitance C T (pF) Minimum Resistance at I F = 0.01mA, RH (Ω) Maximum Resistance at I F = 20mA, R L (Ω) Maximum Resistance at I F = 100mA, RT (Ω) Resistance at I F = 1mA, R M (Ω) 3810 E0 0 Single 100 0.35 1500 10 3.0 48 to 70 3812 E2 2 Series 3813 E3 3 Common Anode 3814 E4 4 Common Cathode 3815 E5 5 Reverse Series 381B E0 B Single 381C E2 C Series 381E E3 E Common Anode 381F E4 F Common Cathode Test Conditions V R = V BR Measure I R ≤ 10uA V R = 50V f = 1MHz I F = 0.01mA f = 100MHz I F = 20mA f = 100MHz I F = 100mA f = 100MHz I F = 1mA f = 100MHz High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes Part Number HSMP- Package Marking Code Lead Code Configuration Minimum Breakdown Voltage V BR (V) Maximum Series Resistance R S (Ω) Series Resistance I F = 1mA, R M (Ω) Typical Total Capacitance C T (pF) Maximum Total Capacitance C T (pF) Typical Total Inductance L T (nH) 4810 EB B Dual Cathode 100 3 48 - 70 0.35 0.4 1 481B EB B Dual Cathode Test Conditions V R = V BR Measure I R ≤ 10μA I F = 100mA f = 100MHz I F = 1mA f = 100MHz V R = 50V f = 1MHz V R = 50V f = 1MHz f = 500MHz - 3GHz |
Similar Part No. - HSMP-381F |
|
Similar Description - HSMP-381F |