Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HL63-TX0DD Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HL63-TX0DD
Description  5mm Mini Oval and Standard Oval AlInGaP LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HL63-TX0DD Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HL63-TX0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HL63-TX0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 5. Representative Radiation pattern for 30°x70° Lamp -Major Axis
Figure 2. Forward current vs. forward voltage
Figure 4. Maximum forward current vs. ambient temperature
Figure 3. Relative luminous intensity vs. forward current
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
FORWARD VOLTAGE - V
AMBER
RED-ORANGE
RED
0
0.5
1
1.5
2
2.5
0
1020
3040
50
DC FORWARD CURRENT - mA
0
5
10
15
20
25
30
35
40
45
50
55
0
20
40
60
80
100
120
TA - AMBIENT TEMPERATURE - ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 7. Representative Radiation pattern for 40°x100° Lamp -Major Axis
Figure 6. Representative Radiation pattern 30°x70° Lamp -Minor Axis
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES


Similar Part No. - HLMP-HL63-TX0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HL70 AVAGO-HLMP-HL70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HL71 AVAGO-HLMP-HL71 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
More results

Similar Description - HLMP-HL63-TX0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM70 AVAGO-HLMP-HM70 Datasheet
1Mb / 11P
   Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com