Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB103S Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # DB103S
Description  Glass passivated type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

DB103S Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  DB103S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd DB103S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20121001
DB101S THRU DB107S
Glass passivated type
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /228
High surge current capability
Ideal for printed circuit board
High temperature soldering : 260OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
Mechanical data
Case : Molded plastic, DFS
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Marked on body
Mounting Position : Any
Weight : 0.412 gram
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA = 25oC
10
uA
Reverse current
VR = VRRM TA = 125oC
IR
100
uA
Storage temperature
TSTG
-55
+150
SYMBOLS
MARKING
CODE
V RRM
*1
(V)
V RMS
*2
(V)
V R
*3
(V)
V F
*4
(V)
Operating
temperature
(℃)
DB101S
DB101S
50
35
50
DB102S
DB102S
100
70
100
DB103S
DB103S
200
140
200
DB104S
DB104S
400
280
400
DB105S
DB105S
600
420
600
DB106S
DB106S
800
560
800
DB107S
DB107S
1000
700
1000
1.1
-55 to +150
1 Repetitive peak reverse voltage
2 RMS voltage
3 Continuous reverse voltage
4 Maximum forward voltage
Unit : inch (mm)
SDIP
.
255(6.5)
.
130(3.30)
.
410(10.4)
.0
11(.28)
.0
60(1.524)
.
205(5.2)
.
335(8.51)
.0
45(1.14)
.
245(6.2)
.
094(2.40)
MAX
.0
40(1.106)
.
195(5.0)
.
335(8.05)
.0
35(0.89)
+
~
~


Similar Part No. - DB103S

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
DB103S SUNTAN-DB103S Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Rectron Semiconductor
DB103S RECTRON-DB103S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
DB103S SECOS-DB103S Datasheet
181Kb / 2P
   Surface Mount Bridge Rectifiers
logo
RFE international
DB103S RFE-DB103S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
Formosa MS
DB103S FORMOSA-DB103S Datasheet
196Kb / 7P
   SMD Bridge Rectifier
More results

Similar Description - DB103S

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
   Glass passivated type
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
   Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
   Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
   Glass passivated type
B05S FORMOSA-B05S Datasheet
69Kb / 2P
   Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com