Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J176 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # J176
Description  P-Channel Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J176 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  J176 Datasheet HTML 1Page - Fairchild Semiconductor J176 Datasheet HTML 2Page - Fairchild Semiconductor J176 Datasheet HTML 3Page - Fairchild Semiconductor J176 Datasheet HTML 4Page - Fairchild Semiconductor J176 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P-Channel Switch
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = - 15 V, IGS = 0
J174
J175
J176
J177
- 20
- 7.0
- 2.0
- 1.5
- 100
- 60
- 25
- 20
mA
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS
≤ 0.1 V, V
GS = 0
J174
J175
J176
J177
85
125
250
300
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
B(BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0
µA, V
DS = 0
30
V
IGSS
Gate Reverse Current
VGS = 20 V, VDS = 0
1.0
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = - 15 V, ID = - 10 nA
J174
J175
J176
J177
5.0
3.0
1.0
0.8
10
6.0
4.0
2.5
V
V
V
V
Typical Characteristics
Common Drain-Source
-5
-4
-3
-2
-1
0
-20
-16
-12
-8
-4
0
V
- DRAIN-SOURCE VOLTAGE (V)
DS
1.0 V
2.5 V
2.0 V
0.5 V
1.5 V
V
= 0 V
GS
T = 25°C
TYP V
= 4.5 V
GS(off)
A
3.0 V
3.5 V
Parameter Interactions
12
5
10
1
5
10
50
100
10
50
100
500
1,000
V
- GATE CUTOFF VOLTAGE (V)
GS (OFF)
I
, g
@ V
= 15V,
V
= 0 PULSED
r
@ -100 mV, V
= 0
V
@ V
= - 15V,
I
= - 1.0
µA
GS(off)
DSS
r
D
I
DSS
DS
DS
GS
DS
GS
fs
DS
DS
g
fs


Similar Part No. - J176

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J176 PHILIPS-J176 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
Calogic, LLC
J176 CALOGIC-J176 Datasheet
23Kb / 2P
   P-Channel JFET Switch
logo
Linear Integrated Syste...
J176 LINEAR-J176 Datasheet
237Kb / 2P
   SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J176 VISHAY-J176 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
Fairchild Semiconductor
J176 FAIRCHILD-J176 Datasheet
728Kb / 12P
   P-Channel Switch
More results

Similar Description - J176

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
   P-Channel Switch
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
   P-Channel Switch
P1086 FAIRCHILD-P1086 Datasheet
26Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174_01 Datasheet
728Kb / 12P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
MMBFJ271 FAIRCHILD-MMBFJ271 Datasheet
193Kb / 3P
   P-Channel Switch
J271 FAIRCHILD-J271 Datasheet
27Kb / 3P
   P-Channel Switch
logo
ON Semiconductor
J175 ONSEMI-J175 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com