Electronic Components Datasheet Search |
|
ADJ35005 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ADJ35005 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 9 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ DJ (ADJ) ASCTB176E 201202-T ORDERING INFORMATION 1-pole/2-pole 16A polarized power relays DJ RELAYS (ADJ) VDE FEATURES 1. Variety of contact arrangements Wide lineup of 1 Form C, 1 Form A, 1 Form B, 2 Form C, 2 Form A, 2 Form B, 1 Form A 1 Form B. 2. Latching operation Latching via a polarized magnetic circuit structure allows remote operation and lower energy consumption 3. Compact with high capacity 16A (1-pole type) contact rating in a compact 29 ×13×16.5 mm (L×W×H) size. 4. Low power consumption 1 coil latching: 150mW 2 coil latching, single side stable: 250mW 5. High insulation Both clearance and creepage distance between coil and contact are at 8 mm min. 6. With operation verification function A test button (manual lever) type to facilitate circuit checks is also available (1 Form C, 1 Form A, 1 Form B types only). TYPICAL APPLICATIONS 1. FA equipment (brake circuits of industrial machine and robots, etc.) 2. Electric power devices (remote surveillance devices, etc.) 3. Household appliance networks (Motor control and lighting control, etc.) 4. Time switches Without a test button With a test button RoHS compliant Nominal coil voltage (DC) 05: 5 V, 06: 6 V, 12: 12 V, 24: 24 V, 48: 48 V Contact arrangement 1: 1 Form C 2: 1 Form A 3: 1 Form B 4: 1 Form A 1 Form B 5: 2 Form C 6: 2 Form A 7: 2 Form B Operating function and protective construction 1: 1 coil latching, Flux-resistant type 2: 1 coil latching, Sealed type 3: 2 coil latching, Flux-resistant type 4: 2 coil latching, Sealed type 5: Single side stable, Flux-resistant type 6: Single side stable, Sealed type ADJ Auxiliary function 0: Without a test button 1: With a test button |
Similar Part No. - ADJ35005 |
|
Similar Description - ADJ35005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |