Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKNIL9VNIL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # DKNIL9VNIL
Description  10 A MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DKNIL9VNIL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  DKNIL9VNIL Datasheet HTML 1Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 2Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 3Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 4Page - Panasonic Semiconductor DKNIL9VNIL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DK
DIMENSIONS
mm inch
4. Coil temperature rise
Sample: DK1a1b-12V, 5 pcs.
Ambient temperature: 20
°C 68°F
5. Ambient temperature characteristics
80
90
100 110 120 130
0
10
20
30
40
50
Coil applied voltage,%V
8 A
5 A
0 A
100
20
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
130
120
110
90
80
70
40
60
80
0
–20
–40
1. 1 Form A type
Single side stable type
2 coil latching type
General tolerance:
±0.3 ±.012
20
.787
12.5
.492
7.62
.300
10.16
.400
0.8
.031
0.4
.016
0.4
.016
3.5
.138
1.2
.047
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
20
.787
12.5
.492
7.62
.300
7.62
.300
2.54
.100
0.8
.031
0.4
.016
0.4
.016
0.4
.016
3.5
.138
1.2
.047
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
PC board pattern (Copper-side view)
The above shows 2 coil latching type.
No.5 terminal is eliminated on single side
stable type.
Tolerance:
±0.1 ±.004
10.16
.400
7.62
.300
2.54
.100
7.62
.300
1.1 dia.
.043 dia.
10.16
.400
7.62
.300
2.54
.100
7.62
.300
1.1 dia.
.043 dia.
Schematic
(Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Since this is a polarized relay,
the connection to the coil
should be done according to
the above schematic.
13
4
6
-
+
13
4
65
-
++
2. 1 Form A 1 Form B type, 2 Form A type
Single side stable type
2 coil latching type
Note:
Relay out-line and PC board pattern are common for both
1 Form A 1 Form B type and 2 Form A type.
General tolerance:
±0.3 ±.012
20
.787
15
.591
7.62
.300
10.16
.400
0.8
.031
0.4
.016
0.4
.016
2.42
.095
3.5
.138
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
15
.591
0.4
.016
2.42
.095
3.5
.138
10.16
.400
20
.787
7.62
.300
7.62
.300
2.54
.100
0.8
.031
0.4
.016
0.6
.024
0.8
.031
1.11
.044
9.7
.382
0.3
.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
10.16
.400
10.16
.400
7.62
.300
1.1 dia.
.043 dia.
10.16
.400
7.62
.300
7.62
.300
2.54
.100
1.1 dia.
.043 dia.
Schematic (Bottom view)
<1 Form A 1 Form B type>
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
13
4
86
5
-
+
13
4
86
5
-
+
7
+
<2 Form A>
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
13
4
86
5
-
+
13
4
86
5
-
+
7
+
Since this is a polarized relay, the connection
to the coil should be done according to the
above schematic.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Description - DKNIL9VNIL

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com