Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU4392V17 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU4392V17
Description  Plastic Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU4392V17 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU4392V17 Datasheet HTML 1Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 2Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 3Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 4Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 5Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 6Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 7Page - Panasonic Semiconductor ECWU4392V17 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Cap.
Dimensions
Dimensions
(uF)
(mm)
(mm)
LW
H
L
W
H
0.001
ECWU2102V16
4.8
3.3
1.4
E1
ECWU4102V17
4.8
3.3
1.4
E1
0.0012
ECWU2122V16
4.8
3.3
1.4
E1
ECWU4122V17
4.8
3.3
1.4
E1
0.0015
ECWU2152V16
4.8
3.3
1.4
E1
ECWU4152V17
4.8
3.3
1.4
E1
0.0018
ECWU2182V16
4.8
3.3
1.4
E1
ECWU4182V17
4.8
3.3
1.4
E1
0.0022
ECWU2222V16
4.8
3.3
1.4
E1
ECWU4222V17
4.8
3.3
1.4
E1
0.0027
ECWU2272V16
4.8
3.3
1.4
E1
ECWU4272V17
4.8
3.3
1.4
E1
0.0033
ECWU2332V16
4.8
3.3
1.4
E1
ECWU4332V17
4.8
3.3
1.4
E1
0.0039
ECWU2392V16
4.8
3.3
1.4
E1
ECWU4392V17
4.8
3.3
1.4
E1
0.0047
ECWU2472V16
4.8
3.3
1.4
E1
ECWU4472V17
4.8
3.3
1.4
E1
0.0056
ECWU2562V16
4.8
3.3
1.4
E1
ECWU4562V17
4.8
3.3
2.0
E2
0.0068
ECWU2682V16
4.8
3.3
1.4
E1
ECWU4682V17
4.8
3.3
2.0
E2
0.0082
ECWU2822V16
4.8
3.3
1.4
E1
ECWU4822V17
4.8
3.3
2.4
E3a
0.01
ECWU2103V16
4.8
3.3
1.4
E1
ECWU4103V17
4.8
3.3
2.8
E3
0.012
ECWU2123V16
4.8
3.3
1.4
E1
ECWU4123V17
6.0
4.1
2.0
D2
3,000
0.015
ECWU2153V16
4.8
3.3
1.4
E1
ECWU4153V17
6.0
4.1
2.4
D3
0.018
ECWU2183V16
4.8
3.3
2.0
E2
ECWU4183V17
6.0
4.1
2.8
D4
0.022
ECWU2223V16
4.8
3.3
2.0
E2
ECWU4223V17
6.0
4.1
3.2
D5
0.027
ECWU2273V16
4.8
3.3
2.4
E3a
ECWU4273V17
6.0
5.0
3.0
B
0.033
ECWU2333V16
4.8
3.3
2.8
E3
ECWU4333V17
6.0
5.0
3.6
B
0.039
ECWU2393V16
6.0
4.1
2.0
D2
3,000
ECWU4393V17
7.1
5.0
3.2
Z
0.047
ECWU2473V16
6.0
4.1
2.4
D3
ECWU4473V17
7.1
5.0
3.8
Z
0.056
ECWU2563V16
6.0
4.1
2.8
D4
ECWU4563V17
7.1
6.3
3.6
Y
0.068
ECWU2683V16
6.0
4.1
3.2
D5
ECWU4683V17
7.1
6.3
4.4
Y
0.082
ECWU2823V16
6.0
5.0
3.2
B
ECWU4823V17
9.8
6.3
3.4
V
0.1
ECWU2104V16
6.0
5.0
3.8
B
ECWU4104V17
9.8
6.3
4.0
V
0.12
ECWU2124V16
6.0
5.0
4.5
B
ECWU4124V17
9.8
8.0
3.8
U
0.15
ECWU4154V17
9.8
8.0
4.6
U
Part No.
Size
code
Rated volt. 250VDC (400VDC for 1min.)
Quantity
3,000
2,000
2,000
1,500
1,000
Rated volt. 400VDC (600VDC for 1min.)
3,000
2,000
2,000
1,500
Size
code
Quantity
Part No.
Plastic Film Capacitors
n
n
n
n Rating, Dimension & Quantity / Reel
Capacitance tolerance: +/-5%(J)
Land Pad
A
B
C
Terminal
Pad Layout for
Reflow soldering
AB
C
E1,E2,E3a,E3
2.6
6.6
3
D2,D3,D4,D5
3.8
7.8
3.8
B
3.8
7.8
4.6
Z
4.594.6
X5.1
9.7
5
Y
4.595.7
V
7.2
11.9
5.7
Size code
n
n
n
n Example for Land Dimension (mm)
Very Important!!


Similar Part No. - ECWU4392V17

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECWU PANASONICBATTERY-ECWU Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECWU PANASONIC-ECWU Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JB5 PANASONIC-ECWU1102JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5 Datasheet
66Kb / 2P
   Plastic Film Capacitors
ECWU1102JX5 PANASONIC-ECWU1102JX5 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU4392V17

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com