Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7721-020E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7721-020E
Description  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7721-020E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7721-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7721-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25 °C, VDD1 = VDD2 = +5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
DC Specifications
Logic Low Input
IDD1L
6.0
10.0
mA
VI = 0 V
2
Supply Current
Logic High Input
IDD1H
1.5
3.0
mA
VI = VDD1
Supply Current
Output Supply Current
IDD2L
5.5
9.0
mA
IDD2H
7.0
9.0
Input Current
II
–10
10
µA
Logic High Output
VOH
4.4
5.0
V
IO = -20 µA, VI = VIH
1, 2
Voltage
4.0
4.8
IO = -4 mA, VI = VIH
Logic Low Output
VOL
0
0.1
V
IO = 20 µA, VI = VIL
Voltage
0.1
V
IO = 400 µA, VI = VIL
0.5
1.0
IO = 4 mA, VI = VIL
Switching Specifications
Propagation Delay Time
tPHL
20
40
ns
CL = 15 pF
3, 6
3
to Logic Low Output
CMOS Signal Levels
Propagation Delay Time
tPLH
23
40
ns
to Logic High Output
Pulse Width
PW
40
ns
Data Rate
25
MBd
Pulse Width Distortion
PWD
7721/0721 3
6
ns
7
4
|tPHL - tPLH|
7720/0720 3
8
ns
Propagation Delay Skew
tPSK
20
5
Output Rise Time
tR
9
ns
(10 - 90%)
Output Fall Time
tF
8
ns
(90 - 10%)
Common Mode
|CMH|
10
20
kV/µs
VI = VDD1, VO >
6
Transient Immunity at
0.8 VDD1,
Logic High Output
VCM = 1000 V
Common Mode
|CML|
10
20
VI = 0 V, VO > 0.8 V,
Transient Immunity at
VCM = 1000 V
Logic Low Output
Input Dynamic Power
CPD1
60
pF
7
Dissipation
Capacitance
Output Dynamic Power
CPD2
10
Dissipation
Capacitance


Similar Part No. - HCPL-7721-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Similar Description - HCPL-7721-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com