Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-250L-500E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-250L-500E
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-250L-500E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-250L-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-250L-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Specifications (DC)
Over Recommended Temperature (TA = 0˚C to +70˚C), VCC = 3.3 V, IF = 16 mA, unless otherwise specified. See Note 13.
Parameter
Sym. Device
Min. Typ.
Max.
Units
Test Conditions
Fig. Note
Current Transfer
CTR
15
20
50
%
TA = 25˚C
VO = 0.4 V
IF = 16 mA,
2
5, 11
VCC = 3.3 V
Logic Low
VOL
0.05
0.3
V
TA = 25˚C
IO = 3.0 mA
IF = 16 mA,
VCC = 3.3 V
Logic High
IOH
0.003 1
µA
TA = 25˚C
VO = VCC = 3.3 V IF = 0 mA
4
Output Current
Logic Low
ICCL HCPL-050L
43.0
100
µA
IF = 16 mA, VO = Open, VCC = 3.3 V
13
Supply Current
HCPL-250L
HCPL-053L
90
300
HCPL-253L
Logic High
ICCH HCPL-050L
0.005 0.3
µA
TA = 25˚C
IF = 0 mA, VO = Open,
13
Supply Current
HCPL-250L
VCC = 3.3 V
HCPL-053L
0.01
10
HCPL-253L
Input Forward
VF
1.52
1.7
V
TA = 25˚C
IF = 16 mA
1
Voltage
Input Reverse
BVR
5
V
IR = 10 µA
Breakdown
Voltage
Input
CIN
60
pF
f = 1 MHz, VF = 0 V
Capacitance
Ratio
Output Voltage
Electrical Specifications (DC)
Over Recommended DC Temperature (TA = 0°C to +70°C, VCC = 5V, IF = 16mA) unless otherwise specified.(See note 13.)
Parameter
Sym. Device
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Current Transfer
Ratio
CTR
HCPL-050L
HCPL-250L
19
24
50
%
VO=0.4V
TA=25ºC,
VCC=4.5V,
IF = 16 mA
3
5,11
HCPL-053L
HCPL-253L
19
24
50
%
VO=0.5V
Logic Low
Output Voltage
VOL
HCPL-050L
HCPL-250L
0.1
0.4
V
IO = 3.0 mA
TA=25ºC,
IF = 16 mA,
VCC=4.5V
HCPL-053L
HCPL-253L
0.1
0.5
V
Logic High
Output Current
IOH
0
0.5
μA
VO = VCC = 5.5V
IF = 0 mA,
TA=25ºC
5
Logic Low
Supply Current
ICCL
HCPL-050L
HCPL-250L
50
200
μA
VCC = 7V
IF = 16 mA
V0 = Open
13
HCPL-053L
HCPL-253L
100
400
Logic High
Supply Current
ICCH
HCPL-050L
HCPL-250L
0.02
1
μA
TA=25ºC
IF = 0 mA
V0 = Open
VCC = 7V
13
HCPL-053L
HCPL-253L
0.05
4
Input Forward
Voltage
VF
1.5
1.7
V
TA = 25°C
IF = 16 mA
1
1.8
Input Reverse
Breakdown
Voltage
BVR
5
V
IR = 10 μA
Input
Capacitance
CIN
60
pF
f = 1 MHz, VF = 0
*All typical values at TA = 25°C


Similar Part No. - HCPL-250L-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-250L-500 HP-HCPL-250L-500 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Similar Description - HCPL-250L-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
   2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com