Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU1334KC9 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECWU1334KC9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1334KC9 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECWU1334KC9 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 2Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 3Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU1334KC9 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
at 1kHz
Temperature(Dgree C)
at 1kHz
Frequency(kHz)
at DC 100V
ECWU (C) Type
DC100V series
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics < Typical Data >
(Stacked Metallized Film)
Frequency (kHz)
Frequency (kHz)
Temperature (Degree C)
Temperature (Degree C)
-10
-5
0
5
10
1
10
100
1000
10000
0.012uF
0.047uF
0.10uF
0.47uF
1.0uF
0
2
4
6
8
10
-60 -40 -20 0
20 40 60 80 100 120 140
From 0.012uF to 1.0uF
0
2
4
6
8
10
1
10
100
1000
10000
0.012uF
0.047uF
0.10uF
0.47uF
1.0uF
0.001
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000 100000
0.012
uF
0.047
uF
0.10
uF
1.0
uF
0.47
uF
-10
-5
0
5
10
-60 -40 -20 0
20 40 60 80 100120 140
From 0.012uF to 1.0uF
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60 -40 -20 0 20 40 60 80 100 120140
1.0uF
From 0.012uF to 0.047uF


Similar Part No. - ECWU1334KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1334KC9 PANASONIC-ECWU1334KC9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
More results

Similar Description - ECWU1334KC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com