Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP16012 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AEP16012
Description  HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEP16012 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AEP16012 Datasheet HTML 1Page - Panasonic Semiconductor AEP16012 Datasheet HTML 2Page - Panasonic Semiconductor AEP16012 Datasheet HTML 3Page - Panasonic Semiconductor AEP16012 Datasheet HTML 4Page - Panasonic Semiconductor AEP16012 Datasheet HTML 5Page - Panasonic Semiconductor AEP16012 Datasheet HTML 6Page - Panasonic Semiconductor AEP16012 Datasheet HTML 7Page - Panasonic Semiconductor AEP16012 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EP RELAYS
HIGH VOLTAGE AND
CURRENT CUT-OFF
CAPACITY IN A
COMPACT PACKAGE
150A 2 Form A
FEATURES
• Control of large voltages and
currents
The relays have a sealed construction
that is filled with a hydrogen gas
compound, and use a permanent magnet
to establish a magnetic path for the arc.
This allows them to switch high-level DC
voltages of up to 400V DC.
• Compact size and light weight
The capsule contact construction is filled
with a gas that has excellent thermal
dissipation and insulation characteristics.
Because of this we have been able to
reduce the contact gap to one tenth that
of conventional relays, and produce a
compact and light design.
• No arc space is required: size
including arc space 1/9 (compared to
conventional contactors)
The arc is not exposed to the outside,
therefore, no arc space is not required.
• Safety construction
The arc is not exposed, therefore, the
contactor is explosion proof and
intrinsically safe.
• Quiet: operation noise 1/4 (compared
to conventional contactors).
Along with the above-mentioned
miniaturization, the operation noise has
been reduced to 70dB, and, in addition,
the operation noise remains unchanged
when a current of 1000A or more is
interrupted.
• High contact reliability
The contact part is hermetically sealed,
hence the contact resistance remains
stable regardless of the ambient
conditions.
• Mounting direction is not specified
The weight of the movable parts is light,
and also the restoring force is large,
hence the contactor is relatively
unaffected by gravity.
• Line-up of indicator types (150A Type
only)
1 Form A and 1 Form B types with
indicators for detecting welding of the
main contacts are available.
• Line-up of PC board type and TM
type (10A type only)
• 12 and 24V DC coil voltage types are
available.
• Screw terminal blocks for easy
wiring.
TYPICAL APPLICATIONS
• AGV (Automatic guided vehicle)
(motor control)
• Electrical discharge machine
(capacitor charge and discharge
control)
• Inverter control (Error cut-off circuit)
• UPS (uninterruptible power supplies)
• Solar power generation systems
(battery control)
• Unmanned transport carts
• Battery inspection and testing
equipment
• Welding equipment
• Elevator (Brake control)
150A 1 Form A
60A
PC board type
TM type
ORDERING INFORMATION
Product Name
Contact arrangement
Contact rating
Coil voltage
Indicator contact
arrangement
EP
1: 1 Form A
2: 2 Form A
3: 1 Form A PC board type (10A type only)
5: 1 Form A TM type (10A type only)
1: 10A
5: 150A
6: 60A
12: 12V DC
24: 24V DC
48: 48V DC (10A type only)
X0: 100V DC (10A type only)
0: without indicator contact
1: a contact (150A type only)
3: b contact (150A type only)
Ex.
A
EP
1
5
0
12
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AEP16012

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
   ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
More results

Similar Description - AEP16012

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com