Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEP15012 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AEP15012
Description  HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEP15012 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AEP15012 Datasheet HTML 1Page - Panasonic Semiconductor AEP15012 Datasheet HTML 2Page - Panasonic Semiconductor AEP15012 Datasheet HTML 3Page - Panasonic Semiconductor AEP15012 Datasheet HTML 4Page - Panasonic Semiconductor AEP15012 Datasheet HTML 5Page - Panasonic Semiconductor AEP15012 Datasheet HTML 6Page - Panasonic Semiconductor AEP15012 Datasheet HTML 7Page - Panasonic Semiconductor AEP15012 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EP
150A 1 Form A (Indicator Type)
3.5
27.0
64.0
±0.2
76.0
94.0
7.7
.303
9.5
.374
10.8
.425
6
.236
26.0
1.024
13.0
.512
87.1
3.429
1 +
2 -
1 +
- 2
9
456
9
21.0
.827
(9.5)
(.374)
Coil input terminal (M3.5)
5 terminal: input (+) side
6 terminal: input (–) side
Plate (Part No., rating,
schematic and Lot No.)
Indicator input
terminal (M3.5)
7 terminal: NO or NC
8 terminal: COM
M8 nut; AEV801
17.8
.701
19.5
.768
±0.2
44.0
±.008
1.732
29.0
1.142
56.0
2.205
Schematic (TOP VIEW)
1 Form A
1 Form B
Mounting dimensions
6: Coil (–)
5: Coil (+)
2–
1+
Both input and load sides have polarities (+) and (–).
8: Indicator: COM
7: Indicator: NO
6: Coil (–)
5: Coil (+)
2–
1+
Both input and load sides have polarities (+) and (–).
8: Indicator: COM
7: Indicator: NC
76
2.992
2- .217
φ
2- 5.5
φ
44
1.732
General tolerance:
less than 10 .394
±0.3 ±.012
10 .394 to 50 1.969
±0.6 ±.024
more than 50 1.969
±1.0 ±.039
mm inch
60A
2.5 .098
(17.9) (.705)
45.0 1.772
49.0 1.929
61.0±
0.2 2.402±.008
76.0 2.992
13
.512
±0.2
26.0
±.008
1.024
30.2
1.189
38.0
1.496
7.7
.303
9.5
.374
6.55
.258
Coil input terminal (M3.5)
M4 screw: AEV803 (built-in)
63.9 2.516
79.9 3.146
M5 screw: AEV802
AEV804 (built-in)
Bus bar (15sq):
13.0
.512
71.0
2.795
26.0
1.024
+-
2
1
φ
φ
Plate (Part No., rating,
schematic and Lot No.)
Schematic (TOP VIEW)
Mounting dimension
6: Coil
5: Coil
2–
1+
Load side has polarities (+) and (–).
61
2.402
26
1.024
2- .217
φ
2- 5.5
φ
General tolerance:
less than 10 .394
±0.3 ±.012
10 .394 to 50 1.969
±0.6 ±.024
more than 50 1.969
±1.0 ±.039
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AEP15012

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEP15US05 XPPOWER-AEP15US05 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US06 XPPOWER-AEP15US06 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US075 XPPOWER-AEP15US075 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US09 XPPOWER-AEP15US09 Datasheet
362Kb / 4P
   AC-DC Power Supplies
AEP15US12 XPPOWER-AEP15US12 Datasheet
362Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AEP15012

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com