Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J108 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # J108
Description  N-Channel Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J108 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  J108 Datasheet HTML 1Page - Fairchild Semiconductor J108 Datasheet HTML 2Page - Fairchild Semiconductor J108 Datasheet HTML 3Page - Fairchild Semiconductor J108 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Characteristics (continued)
N-Channel Switch
(continued)
On Resistance vs Drain Current
1
10
100
1
5
10
50
100
I
- DRAIN CURRENT (mA)
D
V
= - 3.0V
GS(off)
25°C
125°C
25°C
125°C
V
= - 5.0V
GS(off)
V
= 0
GS
- 55°C
Output Conductance
vs Drain Current
0.1
1
10
1
10
100
I
- DRAIN CURRENT (mA)
D
VGS(off)
T
= 25°C
f = 1.0 kHz
V
= 5.0V
DG
A
10V
15V
20V
5.0V
5.0V
10V
15V
20V
- 4.0V
10V
15V
20V
- 2.0V
- 1.0V
Transconductance
vs Drain Current
0.1
1
10
1
10
100
I
- DRAIN CURRENT (mA)
D
V
= - 1.0V
V
= - 3.0V
V
= - 5.0V
GS(off)
GS(off)
GS(off)
T
= 25°C
V
= 10V
f = 1.0 kHz
A
DG
T
= - 55°C
T
= 25°C
T
= 125°C
A
A
A
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
o
TO-92


Similar Part No. - J108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J108 PHILIPS-J108 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Calogic, LLC
J108 CALOGIC-J108 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
   LOW NOISE SINGLE N-CHANNEL JFET SWITCH
logo
Fairchild Semiconductor
J108 FAIRCHILD-J108 Datasheet
169Kb / 7P
   N-Channel Switch
logo
Vishay Siliconix
J108 VISHAY-J108 Datasheet
73Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
More results

Similar Description - J108

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com