Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACJ2212 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ACJ2212
Description  SUPER MINIATURE PC BOARD TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACJ2212 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ACJ2212 Datasheet HTML 1Page - Panasonic Semiconductor ACJ2212 Datasheet HTML 2Page - Panasonic Semiconductor ACJ2212 Datasheet HTML 3Page - Panasonic Semiconductor ACJ2212 Datasheet HTML 4Page - Panasonic Semiconductor ACJ2212 Datasheet HTML 5Page - Panasonic Semiconductor ACJ2212 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
CJ (ACJ)
ASCTB221E 201201-T
For Cautions for Use.
5. Slim 1 Form C
Standard type
External dimensions
Pre-soldering (all terminals)
A surface
level
Sealed by epoxy resin
2-0.25 2-.010
12.2
.480
7.2
.283
13.5
.531
0.4
.016
3.5
.138
Max. 1.0
Max. .039
4.5
.177
1.2
.047
0.32
.013
2-0.6
2-.024
2-0.6
2-.024
10.45
.411
4.0
.157
2-1.0
2-.039
3.6
.142
1.65
.065
0.8
.031
0.3
.012
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
10.45
4.0
1.5 dia.
2-1.5 dia.
4.5
3.6
.177
.142
0.3
.012
2-.059 dia.
2-1.0 dia.
2-.039 dia.
.411
.157
.059 dia.
COIL
COM
NO
NC
CAD Data
6. Slim 1 Form C
Pin in Paste type
External dimensions
0.8
.031
Pre-soldering (all terminals)
A surface
level
Sealed by epoxy resin
Vent
12.2
.480
7.2
.283
Max. 1.0
Max. .039
3.2
.126
13.8
.543
0.7
.028
4.5
.177
2-0.25 2-.010
1.2
.047
0.32
.013
10.45
.411
4.0
.157
2-0.6
2-.024
2-1.0
2-.039
2-0.6
2-.024
0.3
.012
3.6
.142
1.65
.065
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
10.45
4.0
1.5 dia.
2-1.5 dia.
4.5
3.6
.177
.142
0.3
.012
2-.059 dia.
2-1.0 dia.
2-.039 dia.
.411
.157
.059 dia.
COIL
COM
NO
NC
CAD Data


Similar Part No. - ACJ2212

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACJ-12-1581 ACIPOWER-ACJ-12-1581 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-B1-1522 ACIPOWER-ACJ-B1-1522 Datasheet
213Kb / 2P
   CCFL INVERTER
ACJ-R1-1578 ACIPOWER-ACJ-R1-1578 Datasheet
217Kb / 2P
   CCFL INVERTER
ACJ-V1-1542 ACIPOWER-ACJ-V1-1542 Datasheet
212Kb / 2P
   CCFL INVERTER
More results

Similar Description - ACJ2212

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com