Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWU Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECWU
Description  Plastic Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECWU Datasheet HTML 1Page - Panasonic Semiconductor ECWU Datasheet HTML 2Page - Panasonic Semiconductor ECWU Datasheet HTML 3Page - Panasonic Semiconductor ECWU Datasheet HTML 4Page - Panasonic Semiconductor ECWU Datasheet HTML 5Page - Panasonic Semiconductor ECWU Datasheet HTML 6Page - Panasonic Semiconductor ECWU Datasheet HTML 7Page - Panasonic Semiconductor ECWU Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECWU (V16) Type
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
DC250V series
Applicable Specifications
(Stacked Metallized Film)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
dv/dt(V/us)
Capacitance
Value(uF)
Code
Rating
Voltage
Current(
0-P)
(A)
DC
250V
dv/dt(V/us)
240
Capacitance
Value(uF)
0.039
0.047
0.056
0.068
0.082
Code
393
473
563
683
823
Rating
Voltage
Current(
0-P)
(A)
9.36
11.28
13.44
16.32
19.68
DC
250V
0.10
0.12
104
124
24.00
28.80
615
0.0010
0.0012
0.0015
0.0018
0.0022
102
122
152
182
222
0.62
0.74
0.92
1.11
1.35
360
0.0027
0.0033
0.0039
0.0047
0.0068
272
332
392
472
562
1.66
2.03
2.40
1.69
2.02
0.0082
0.010
0.012
0.015
0.018
682
822
103
123
153
2.45
2.95
3.60
4.32
5.40
0.022
183
6.48
0.027
223
7.92
0.033
273
9.72
333
11.88
0.0056
Voltage Derating by Temperature
Surface Temperature of Capacitor(Degree C)
-60
40
-40 -20 0
20
60 80 100 120 140
0
100
150
250
300
50
200


Similar Part No. - ECWU

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ECWU PANASONICBATTERY-ECWU Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECWU PANASONIC-ECWU Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JB5 PANASONIC-ECWU1102JB5 Datasheet
55Kb / 2P
   Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5 Datasheet
66Kb / 2P
   Plastic Film Capacitors
ECWU1102JX5 PANASONIC-ECWU1102JX5 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com