Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7215-ADNLFEJP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7215-ADNLFEJP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215-ADNLFEJP Datasheet(HTML) 4 Page - Orister Corporation

  RS7215-ADNLFEJP Datasheet HTML 1Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 2Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 3Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 4Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 5Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 6Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 7Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 8Page - Orister Corporation RS7215-ADNLFEJP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page No. : 4/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
Absolute Maximum Ratings 
Parameter 
Symbol 
Ratings 
Units
Input Voltage VIN to GND 
VIN 
9.0 
Output Current Limit, I(LIMIT) 
ILIMIT 
1.3 
Junction Temperature 
TJ 
+155 
o
SOT‐223‐5 
155 
Thermal Resistance 
TO‐252‐5 
θ
JA 
90 
oC/W
SOT‐223‐5 
900 
Power Dissipation 
TO‐252‐5 
PD 
1200 
mW 
Operating Ambient Temperature 
TOPR ‐40 ~ +85 
o
Storage Temperature 
TSTG ‐55~+150 
o
Lead Temperature (soldering, 10sec) ‐ 
+260 
o
NOTES: 
1
The power dissipation values are based on the condition that junction temperature TJ and ambient temperature TA difference is 
100°C. 
2
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress 
ratings only, and function operation of the device at these or any other conditions beyond those indicated under “recommended 
operating conditions” is not implied. Exposure to absolute‐maximum –rated conditions for extended periods may affect device 
reliability. 
Electrical Characteristics (T
A=25°C, VIN=5.0V unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
2.4 ‐ 
7.0 
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2%
Fixed 
Type 
VIN=VOUT+1.0V, IOUT=1mA, VOUT<1.8V, VIN>2.4V
‐35 
+35
mV 
VIN=VOUT+1.2V, IOUT=1mA, VOUT≧1.8V 
‐2% 
+2%
VOUT 
Output Voltage 
ADJ 
Type 
VIN=VOUT+1.2V, IOUT=1mA, VOUT<1.8V, VIN>2.4V
‐50 
VOUT 
+50
mV 
IMAX 
Output Current (see NOTE) 
VOUT+1.0V≦VIN≦7.0V, VOUT≧2.4V 
1000 ‐ 
‐ 
mA 
VREF 
ADJ Pin Reference Voltage 
For Adjustable Voltage Type ‐ 
1.17
‐ 
IOUT=500mA, VOUT>3.0V ‐ 
300 ‐ 
Dropout Voltage (Fixed Type) 
IOUT=1000mA, VOUT>3.0V ‐ 
700 ‐ 
VDROP 
Dropout Voltage (ADJ Type) 
IOUT=1000mA, VOUT>3.0V ‐ 
‐ 
1100
mV 
VOUT+1.0V≦VIN≦7V, IOUT=1mA (Fixed Type) 
‐ 
0.2 
0.3 
ΔVLINE 
Line Regulation 
VOUT+1.2V≦VIN≦7V, IOUT=1mA, VIN≧2.8V 
‐ 
‐ 
0.2 
%/V 
ΔVLOAD 
Load Regulation 
VIN=VOUT+1V, 1mA≦IOUT≦100mA 
‐ 
0.01 
0.02
%/mA
IQ 
Ground Pin Current 
ILOAD=0mA to 1.0A, VIN=VOUT+1.0V ‐ 
60 
90 
uA 
ISD 
Shutdown Current 
VIN=VOUT+1V, EN=0V, No Load  
0.7 
1.05
uA 
IADJ 
ADJ Pin Current 
ILOAD=0mA to 1000mA, VIN=VOUT+1.0V ‐ 
0.1 
0.15
uA 
ISC 
Short Circuit Current ‐ 
‐ 
600 ‐ 
mA 
PSRR 
Ripple Rejection 
IOUT=30mA, F=1KHz, COUT=10uF ‐ 
55 ‐ 
dB 
eN 
Output Noise 
IOUT=100mA , F=1KHz, COUT=10uF ‐ 
40 ‐ 
uV(rms)
VIH 
EN Pin Input Voltage “H” 
VIN≦5.0V 
1.6 ‐ 
‐ 
VIL 
EN Pin Input Voltage “L” 
VIN≦5.0V ‐ 
‐ 
0.3 
RDIS 
Discharge Resistor 
VEN=0V, For Fixed Voltage Type ‐ 
30 
100
Ω 
TDIS 
Discharge Time 
VOUT=3.3V to 0V, COUT=1uF, For Fixed Voltage Type ‐ 
70 
100
us 
TSD 
Thermal Shutdown 
Temperature 
‐ 
‐ 
150 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
20 ‐ 
o
NOTE:Measured using a double sided board with 1” x 2” square inches of copper area connected to the GND pins for “heat spreading”. 
 
 
 
 
 
 
 


Similar Part No. - RS7215-ADNLFEJP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7215-ADNLFEJP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7225 ORISTER-RS7225 Datasheet
394Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com