Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7225-ADNHFSCP Datasheet(PDF) 9 Page - Orister Corporation

Part # RS7225-ADNHFSCP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7225-ADNHFSCP Datasheet(HTML) 9 Page - Orister Corporation

Back Button RS7225-ADNHFSCP Datasheet HTML 2Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 3Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 4Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 5Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 6Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 7Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 8Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 9Page - Orister Corporation RS7225-ADNHFSCP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page No. : 9/10
DS-RS7225-02
September, 2009
www.Orister.com
Soldering Methods for Orister’s Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3oC/sec
<3oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100oC
150oC
60~120 sec
150oC
200oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3oC/sec
<3oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183oC
60~150 sec
217oC
60~150 sec
Peak Temperature (TP)
240oC +0/-5oC
260oC +0/-5oC
Time within 5oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6oC/sec
<6oC/sec
Time 25oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245oC
±5oC
5sec
±1sec
Pb-Free devices.
260oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - RS7225-ADNHFSCP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7225-ADNHFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com