Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE3000-1PQ896YI Datasheet(PDF) 11 Page - Microsemi Corporation

Part # A3PE3000-1PQ896YI
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PE3000-1PQ896YI Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button A3PE3000-1PQ896YI Datasheet HTML 7Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 8Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 9Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 10Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 11Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 12Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 13Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 14Page - Microsemi Corporation A3PE3000-1PQ896YI Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
1-5
SRAM and FIFO
ProASIC3E devices have embedded SRAM blocks along their north and south sides. Each variable-
aspect-ratio SRAM block is 4,608 bits in size. Available memory configurations are 256×18, 512×9,
1k×4, 2k×2, and 4k×1 bits. The individual blocks have independent read and write ports that can be
configured with different bit widths on each port. For example, data can be sent through a 4-bit port and
read as a single bitstream. The embedded SRAM blocks can be initialized via the device JTAG port
(ROM emulation mode) using the UJTAG macro.
In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the SRAM
block to be configured as a synchronous FIFO without using additional core VersaTiles. The FIFO width
and depth are programmable. The FIFO also features programmable Almost Empty (AEMPTY) and
Almost Full (AFULL) flags in addition to the normal Empty and Full flags. The embedded FIFO control
unit contains the counters necessary for generation of the read and write address pointers. The
embedded SRAM/FIFO blocks can be cascaded to create larger configurations.
PLL and CCC
ProASIC3E devices provide designers with very flexible clock conditioning capabilities. Each member of
the ProASIC3E family contains six CCCs, each with an integrated PLL.
The six CCC blocks are located at the four corners and the centers of the east and west sides.
To maximize user I/Os, only the center east and west PLLs are available in devices using the PQ208
package. However, all six CCC blocks are still usable; the four corner CCCs allow simple clock delay
operations as well as clock spine access.
The inputs of the six CCC blocks are accessible from the FPGA core or from one of several inputs
located near the CCC that have dedicated connections to the CCC block.
The CCC block has these key features:
Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz
Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz
Clock delay adjustment via programmable and fixed delays from –7.56 ns to +11.12 ns
2 programmable delay types for clock skew minimization
Clock frequency synthesis
Additional CCC specifications:
Internal phase shift = 0°, 90°, 180°, and 270°. Output phase shift depends on the output divider
configuration.
Output duty cycle = 50% ± 1.5% or better
Low output jitter: worst case < 2.5% × clock period peak-to-peak period jitter when single global
network used
Maximum acquisition time = 300 µs
Low power consumption of 5 mW
Exceptional tolerance to input period jitter— allowable input jitter is up to 1.5 ns
Four precise phases; maximum misalignment between adjacent phases of 40 ps × (350 MHz /
fOUT_CCC)
Global Clocking
ProASIC3E devices have extensive support for multiple clocking domains. In addition to the CCC and
PLL support described above, there is a comprehensive global clock distribution network.
Each VersaTile input and output port has access to nine VersaNets: six chip (main) and three quadrant
global networks. The VersaNets can be driven by the CCC or directly accessed from the core via
multiplexers (MUXes). The VersaNets can be used to distribute low-skew clock signals or for rapid
distribution of high fanout nets.


Similar Part No. - A3PE3000-1PQ896YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000-1PQ896YI MICROSEMI-A3PE3000-1PQ896YI Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE3000-1PQ896YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE600-2PQ208 MICROSEMI-A3PE600-2PQ208 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com