Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7213-285ULFSCP Datasheet(PDF) 7 Page - Orister Corporation

Part # RS7213-285ULFSCP
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-285ULFSCP Datasheet(HTML) 7 Page - Orister Corporation

  RS7213-285ULFSCP Datasheet HTML 1Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 2Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 3Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 4Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 5Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 6Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 7Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 8Page - Orister Corporation RS7213-285ULFSCP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page No. : 7/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
SC‐70‐5 Dimension 
 
 
NOTES: 
A. All linear dimensions are in millimeters. 
B. This drawing is subject to change without notice. 
C.
Body dimensions do not include mold flash or protrusion. Mold flash and protrusion shall not exceed 0.15 per side. 
D. Falls within JEDEC MO‐203 variation AA. 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7213-285ULFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-285ULFSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com