Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101L1H4V8BE Datasheet(PDF) 6 Page - C&K Components

Part # 7101L1H4V8BE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101L1H4V8BE Datasheet(HTML) 6 Page - C&K Components

Back Button 7101L1H4V8BE Datasheet HTML 2Page - C&K Components 7101L1H4V8BE Datasheet HTML 3Page - C&K Components 7101L1H4V8BE Datasheet HTML 4Page - C&K Components 7101L1H4V8BE Datasheet HTML 5Page - C&K Components 7101L1H4V8BE Datasheet HTML 6Page - C&K Components 7101L1H4V8BE Datasheet HTML 7Page - C&K Components 7101L1H4V8BE Datasheet HTML 8Page - C&K Components 7101L1H4V8BE Datasheet HTML 9Page - C&K Components 7101L1H4V8BE Datasheet HTML 10Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
F–8
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
BUSHING
PANEL MOUNTING
1/4 INCH BUSHING
METRIC BUSHING
15/32 INCH BUSHING
Without locking ring.
With standard locking ring.
With small locking ring.
Without locking ring. With locking ring.
Without locking ring.
With standard locking ring.
15/32-32 UNS-2A
1/4-40 UNS-2A
For T & T1 actuators.
For actuators other than T & T1.
1/4-40 UNS-2A
D8
D, D9
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
Y9
.350" HIGH,
UNTHREADED,
KEYWAY
Y
.350" HIGH,
THREADED, KEYWAY
NONE
NO BUSHING
D8
.280" HIGH, UNTHREADED,
FLAT 3
D9
.280" HIGH, UNTHREADED,
KEYWAY
D
.280" HIGH,
THREADED, KEYWAY
H
.296" HIGH, FLAT
THREADED, HIGH TORQUE 1,2
H3
.315" HIGH, KEYWAY
THREADED, HIGH
TORQUE 1,2
H4
8mm HIGH, KEYWAY, THREADED,
METRIC HIGH TORQUE 1,2,3
Y1
.378" HIGH, KEYWAY, THREADED,
HIGH TORQUE 1,2,4
Y3
8.9mm HIGH, KEYWAY,
THREADED, METRIC
Y4
.378" HIGH, FLAT, THREADED,
HIGH TORQUE 1,2,5
CW
THREADED, SPLASHPROOF 1,2
Y bushing standard with C,
W-W5, Z or Z3 terminations.
Subtract .020 (0,51) from all actuator
lengths for H3 bushing.
No bushing choice required
with KXX, TXX actuators.
(exception: Specify CW if
splashproof bushing desired).
D9 bushing standard with all terminations
except C, W-W5, Z or Z3. Add .070 (1,78) to
all actuators lengths with D, D8 & D9 bushings.
IP67 Degree of protection, totally protected against
dust, full-scale voltage protection, temporary immersion.
Internal actuator seal standard.
External bushing seal available separately from APM
Hexseal, part # MFS-60064.
IP67 Degree of protection, totally protected
against dust, full-scale voltage protection,
temporary immersion. Internal actuator seal
and external bushing seal washer standard.
1 Will withstand 12 in.-lbs. of torque with no distortion.
2 CW. H, H3, H4, Y1 & Y4 bushings not available on single pole models
with A4 terminations.
3 D8 & H4 bushings available only with L, L1, L2, M & S actuators.
4 Y1 bushing available only with LXP, MP, PX & SP actuators.
5 Y4 bushing not available with L4X actuators.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with
threaded bushings. Black hardware is supplied when either black bushings or
actuators are specified. Optional mounting nut and locking ring styles and finishes
available, see Section N.
NONE
NICKEL on all bushings
except ‘D8’ satin chrome.
2
BLACK
BUSHING FINISH
OPTION
CODE
BUSHING FINISH
BUSHING


Similar Part No. - 7101L1H4V8BE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7101 GILWAY-7101 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7101 COTO-7101 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7101 CK-COMPONENTS-7101 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results

Similar Description - 7101L1H4V8BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com