Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7213-285NHNSCP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7213-285NHNSCP
Description  300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7213-285NHNSCP Datasheet(HTML) 5 Page - Orister Corporation

  RS7213-285NHNSCP Datasheet HTML 1Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 2Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 3Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 4Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 5Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 6Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 7Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 8Page - Orister Corporation RS7213-285NHNSCP Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page No. : 5/9
DS‐RS7213‐02    September, 2009 
www.Orister.com
Detail Description 
The  RS7213  is  a  low‐dropout  linear  regulator.  The  device  provides  preset  1.8V,  2.5V  and  3.3V  output  voltages  for  output 
current  up  to  300mA.  Other  mask  options  for  special  output  voltages  are  also  available.  As  illustrated  in  function  block 
diagram, it consists of a 0.87V bandgap reference, an error amplifier, a P‐channel pass transistor and an internal feedback 
voltage divider. 
 
The bandgap reference for is connected to the error amplifier, which compares this reference with the feedback voltage and 
amplifies  the  voltage  difference.  If  the  feedback  voltage  is  lower  than  the  reference  voltage,  the  pass  transistor’s  gate  is 
pulled lower, which allows more current to pass to the output pin and increases the output voltage. If the feedback voltage is 
too high, the pass transistor’s gate is pulled up to decrease the output voltage. 
 
The  output  voltage  is  feed  back  through  an  internal  resistor  divider  connected  to  VOUT  pin.  Additional  blocks  include  an 
output current limiter, thermal sensor, and shutdown logic. 
 
Internal P‐channel Pass Transistor 
The  RS7213  features  a  P‐channel  MOSFET  pass  transistor.  Unlike  similar  designs  using  PNP  pass  transistors,  P‐channel 
MOSFETs require no base drive, which reduces quiescent current. PNP‐based regulators also waste considerable current in 
dropout when the pass transistor saturates, and use high base‐drive currents under large loads. The RS7213 does not suffer 
from  these  problems  and  consumes  only  30μA  (Typ.)  of  current  consumption  under  heavy  loads  as  well  as  in  dropout 
conditions. 
 
Enable Function 
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit 
stops,  the  build‐in  P‐channel  MOSFET  output  transistor  between  pins  VIN  and  VOUT  is  switched  off,  allowing  current 
consumption to be drastically reduced. The VOUT pin enters the GND level through the internal discharge path between VOUT 
and GND pins. 
 
Operating Region and Power Dissipation 
Maximum power dissipation of the RS7213 depends on the thermal resistance of the case and circuit board, the temperature 
difference between the die junction and ambient air, and the rate of airflow. The power dissipation across the devices is P = 
IOUT x (VIN‐VOUT). The resulting maximum power dissipation is: 
JA
A
J
CA
JC
A
J
MAX
)
T
T
(
)
T
T
(
P
θ
=
θ
+
θ
=
 
 
Where  (TJ‐TA)  is  the  temperature  difference  between  the  RS7213  die  junction  and  the  surrounding  air, θJC  is  the  thermal 
resistance  of  the  package  chosen,  and θCA  is  the  thermal  resistance  through  the  printed  circuit  board,  copper  traces  and 
other materials to the surrounding air. For better heat‐sinking, the copper area should be equally shared between the VIN
VOUT, and GND pins. 
 
The thermal resistance θJA of SOT‐25 package of RS7213 is 250°C/W. Based on a maximum operating junction temperature 
125°C with an ambient of 25°C, the maximum power dissipation will be: 
W
40
.
0
250
)
25
125
(
)
T
T
(
P
CA
JC
A
J
MAX
=
=
θ
+
θ
=
 
 
Thermal characteristics were measured using a double sided board with 1”x2” square inches of copper area connected to the 
GND pin for “heat spreading”. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the useful end‐of‐life  battery  voltage.  The  RS7213  use  a  P‐  channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance RDS(ON) multiplied by the load current. 
 
OUT
)
ON
(
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
 


Similar Part No. - RS7213-285NHNSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEG ORISTER-RS7212-15NEG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15NEP ORISTER-RS7212-15NEP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFG ORISTER-RS7212-15VFG Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
RS7212-15VFP ORISTER-RS7212-15VFP Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
More results

Similar Description - RS7213-285NHNSCP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com