Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7808AI Datasheet(PDF) 7 Page - Orister Corporation

Part # RS7808AI
Description  1.0A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7808AI Datasheet(HTML) 7 Page - Orister Corporation

Back Button RS7808AI Datasheet HTML 3Page - Orister Corporation RS7808AI Datasheet HTML 4Page - Orister Corporation RS7808AI Datasheet HTML 5Page - Orister Corporation RS7808AI Datasheet HTML 6Page - Orister Corporation RS7808AI Datasheet HTML 7Page - Orister Corporation RS7808AI Datasheet HTML 8Page - Orister Corporation RS7808AI Datasheet HTML 9Page - Orister Corporation RS7808AI Datasheet HTML 10Page - Orister Corporation RS7808AI Datasheet HTML 11Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page No. : 7/12
DS‐RS78XX‐08     September, 2009 
www.Orister.com
Characteristics Curve 
 
 
Ripple Rejection
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (Hz)
Vin=(4.5+Vout(ic))VDC+3.5Vrms
Iout=50mA
Tj=25
oC
Worst Case Power Dissipation
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
35
Differential (V) Vinput-Voutput Voltage(V)
With 72
oC/W Heat Sink
Heat Sink Size: 50*50*2 mm
Free Air
Output Voltage as a Function of Junction
Temperature
0
50
100
150
200
Junction Temperature (
oC)
Vin=Vout(ic)+5V
Iout=5mA
Load Transient Response
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
45
50
Time (us)
1.0
0.5
0
Vin=Vout(ic)+5V
Tj=25
oC
Current Cut-off Grid Voltage
00.5
11.5
22.5
3
Output Current (A)
Vin=Vout(ic)+5V
Tj=25
oC
Vout
Voltage Range
0
5
10
15
20
25
30
35
Vinput-Voutput (V)
Iout=50mA
Vout


Similar Part No. - RS7808AI

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS7808AI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com