Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7808AI Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7808AI
Description  1.0A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7808AI Datasheet(HTML) 5 Page - Orister Corporation

  RS7808AI Datasheet HTML 1Page - Orister Corporation RS7808AI Datasheet HTML 2Page - Orister Corporation RS7808AI Datasheet HTML 3Page - Orister Corporation RS7808AI Datasheet HTML 4Page - Orister Corporation RS7808AI Datasheet HTML 5Page - Orister Corporation RS7808AI Datasheet HTML 6Page - Orister Corporation RS7808AI Datasheet HTML 7Page - Orister Corporation RS7808AI Datasheet HTML 8Page - Orister Corporation RS7808AI Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Page No. : 5/12
DS‐RS78XX‐08     September, 2009 
www.Orister.com
RS7809A Series Electrical Characteristics 
VIN=15V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified) 
RS7809AJ/E/I 
Symbol 
Parameter 
Conditions 
Min 
Typ 
Max 
Units 
TJ=25°C, IOUT=500mA 
8.73 
9.27 
5mA≤IOUT≤1A 
VO 
Output Voltage 
11V≤VIN≤25V, POUT≤15W 
8.73 
9.27 
TJ=25°C, 11.5V≤VIN≤25V 
‐ 
90 
ΔV
O 
Line Regulation 
TJ=25°C, 13V≤VIN≤19V 
‐ 
45 
mV 
TJ=25°C, 5mA≤IOUT≤1A 
‐ 
15 
100 
ΔV
O 
Load Regulation 
TJ=25°C, 250mA≤IOUT≤750mA 
‐ 
50 
mV 
IB 
Quiescent Current 
IOUT=5mA, Tj=25°C 
‐ 
3.9 
mA 
IOUT=500mA, 11.5V≤VIN≤26V, TJ=25
o
‐ 
‐ 
1.3 
ΔI
B 
Quiescent Current 
Change 
5mA≤IOUT≤1A, VIN=15V, TJ=25
o
‐ 
‐ 
0.5 
mA 
eN 
Output Noise Voltage 
B=10Hz~100KHz, IOUT=50mA, TJ=25°C 
‐ 
‐ 
75 
uV/VO 
RR 
Ripple Rejection 
15V≤VIN≤22.5V, f=120Hz, IOUT=50mA, TJ=25
o
51 
67 ‐ 
dB 
VD 
Dropout Voltage 
TJ=25°C, IOUT=1A 
‐ 
2.5 
RO 
Output Resistance 
f=1KHz ‐ 
17 ‐ 
mΩ 
ISC 
Short Circuit Current 
TJ=25°C 
‐ 
2.3 
2.8 
ΔV
O/ΔT 
Output Voltage Drift 
0
oC≤T
J≤125
o
‐ 
‐ 
1.1 
mV/°C 
RS7812A Series Electrical Characteristics 
VIN=19V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified) 
RS7812AJ/E/I 
Symbol 
Parameter 
Conditions 
Min 
Typ 
Max 
Units 
TJ=25°C, IOUT=500mA 
11.64 
12 
12.36
5mA≤IOUT≤1A 
VO 
Output Voltage 
14V≤VIN≤30V, POUT≤15W 
11.64 
12 
12.36
TJ=25°C, 14.5V≤VIN≤30V 
‐ 
10 
120 
ΔV
O 
Line Regulation 
TJ=25°C, 16V≤VIN≤22V 
‐ 
60 
mV 
TJ=25°C, 5mA≤IOUT≤1A 
‐ 
12 
100 
ΔV
O 
Load Regulation 
TJ=25°C, 250mA≤IOUT≤750mA 
‐ 
60 
mV 
IB 
Quiescent Current 
IOUT=5mA, Tj=25°C 
‐ 
3.9 
mA 
IOUT=500mA, 14.5V≤VIN≤30V, TJ=25
o
‐ 
‐ 
1.3 
ΔI
B 
Quiescent Current 
Change 
5mA≤IOUT≤1A, VIN=19V, TJ=25
o
‐ 
‐ 
0.5 
mA 
eN 
Output Noise Voltage 
B=10Hz~100KHz, IOUT=50mA, TJ=25°C 
‐ 
‐ 
90 
uV/VO 
RR 
Ripple Rejection 
19V≤VIN≤25V, f=120Hz, IOUT=50mA, TJ=25
o
50 
66 ‐ 
dB 
VD 
Dropout Voltage 
TJ=25°C, IOUT=1A 
‐ 
2.5 
RO 
Output Resistance 
f=1KHz ‐ 
18 ‐ 
mΩ 
ISC 
Short Circuit Current 
TJ=25°C 
‐ 
2.3 
2.8 
ΔV
O/ΔT 
Output Voltage Drift 
0
oC≤T
J≤125
o
‐ 
‐ 
1.6 
mV/°C 
 
 


Similar Part No. - RS7808AI

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS7808AI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com