Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7225-285NHFNEP Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7225-285NHFNEP
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft-Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7225-285NHFNEP Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS7225-285NHFNEP Datasheet HTML 2Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 3Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 4Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 5Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 6Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 7Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 8Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 9Page - Orister Corporation RS7225-285NHFNEP Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page No. : 6/10
DS-RS7225-02
September, 2009
www.Orister.com
Operating Region and Power Dissipation
Maximum power dissipation of the RS7225 depends on the thermal resistance of the case and circuit board, the temperature
difference between the die junction and ambient air, and the rate of airflow. The power dissipation across the devices is P=IOUT
x (VIN-VOUT). The resulting maximum power dissipation is:
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
)
(
)
(
=
+
=
Where (TJ-TA) is the temperature difference between the RS7301 die junction and the surrounding air, θJC is the thermal
resistance of the package chosen, and θCA is the thermal resistance through the printed circuit board, copper traces and other
materials to the surrounding air. For better heat-sinking, the copper area should be equally shared between the VIN, VOUT, and
GND pins.
Dropout Voltage
A regulator’s minimum input-output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In
battery-powered systems, this will determine the useful end-of-life battery voltage. The RS7225 use a P-channel MOSFET pass
transistor, its dropout voltage is a function of drain-to-source on-resistance RDS(ON) multiplied by the load current.
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(


Similar Part No. - RS7225-285NHFNEP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7225-285NHFNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
RS7302 ORISTER-RS7302 Datasheet
696Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator with Enable, Fast Discharge & Soft.Start
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
National Semiconductor ...
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
   800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com