Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7202-33GRHNEP Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7202-33GRHNEP
Description  250mA Low Quiescent Linear Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7202-33GRHNEP Datasheet(HTML) 4 Page - Orister Corporation

  RS7202-33GRHNEP Datasheet HTML 1Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 2Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 3Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 4Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 5Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 6Page - Orister Corporation RS7202-33GRHNEP Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page No. : 4/7
DS‐RS7202‐05   
April, 2011 
www.Orister.com
Detail Description 
The RS7202 is a low quiescent current LDO linear regulator. The device provides preset 1.8V, 2.5V and 3.3V output voltages 
for output current up to 350mA. Other mask options for special output voltages from1.5V to 5.0V with 100mV increment are 
also  available.  As  illustrated  in  function  block  diagram,  it  consists  of  a  1.23V  voltage,  error  amplifier,  a  P‐channel  pass 
transistor, an ON/OFF control logic, and an internal feedback voltage divider. 
 
The 1.23V bandgap reference is connected to the error amplifier, which compares this reference with the feedback voltage 
and amplifies the voltage difference. If the feedback voltage is lower than the reference voltage, the pass‐transistor gate is 
pulled lower, which allows more current to pass to the output pin and increases the output voltage. If the feedback voltage is 
too high, the pass‐transistor gate is pulled up to decrease the output voltage. 
 
The  output  voltage  is  feedback  through  an  internal  resistive  divider  connected  to  VOUT  pin.  Additional  blocks  include  with 
output current limiter and shutdown logic. 
 
Internal P‐channel Pass Transistor 
The  RS7202  features  a  P‐channel  MOSFET  pass  transistor.  Unlike  similar  designs  using  PNP  pass  transistors,  P‐channel 
MOSFETs require no base drive, which reduces quiescent current. PNP–based regulators also waste considerable current in 
dropout conditions when the pass transistor saturates, and use high base‐drive currents under large loads. The RS7202 does 
not suffer from these problems and consumes only 2.0μA (Typical) of current consumption under light loads. 
 
Enable Function 
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit 
stops,  the  build‐in  P‐channel  MOSFET  output  transistor  between  pins  VIN  and  VOUT  is  switched  off,  allowing  current 
consumption to be drastically reduced. The VOUT pin enters the GND level due to the several MΩ resistance of the feedback 
voltage divider between VOUT and GND pins. 
 
Output Voltage Selection 
The  RS7202  output  voltage  is  preset  at  an  internally  trimmed  voltage  1.8V,  2.5V  or  3.3V.  The  output  voltage  also  can  be 
mask‐optioned  from  1.2V  to  5.0V  with  100mV  increment  by  special  order  (but  only  1.28V  in  stead  of  1.3V).  The  first  two 
digits of part number suffix identify the output voltage (see Ordering Information). For example, RS7202‐33 has a preset 3.3V 
output voltage. 
 
Current Limit 
The RS7202 also includes a fold back current limiter. It monitors and controls the pass‐transistor’s gate voltage, estimates the 
output current, and limits the output current within 350mA. 
 
Thermal Overload Protection 
Thermal overload protection limits total power dissipation in the RS7202. When the junction temperature exceeds TJ=+155°C, 
a  thermal  sensor  turns  off  the  pass  transistor,  allowing  the  IC  to  cool  down.  The  thermal  sensor  turns  the  pass  transistor 
active  again  after  the  junction  temperature  cools  down  by  10°C,  resulting  in  a  pulsed  output  during  continuous  thermal 
overload conditions. 
 
Thermal overload protection is designed to protect the RS7202 in the event of fault conditions. For continuous operation, the 
maximum operating junction temperature rating of TJ=+125°C should not be exceeded. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful end‐of‐life  battery  voltage.  The RS7202  uses  a  P‐channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance (RDS(ON)) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 
 


Similar Part No. - RS7202-33GRHNEP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7202-33GRHNEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
E-CMOS Corporation
EC6209 E-CMOS-EC6209 Datasheet
1Mb / 24P
   250mA Low- Quiescent Current Linear Regulator
logo
Maxim Integrated Produc...
MAX5086AATN MAXIM-MAX5086AATN Datasheet
1Mb / 15P
   65V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
19-3878; Rev 1; 7/06
logo
Linear Technology
LTC4079 LINER-LTC4079_15 Datasheet
270Kb / 20P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
Maxim Integrated Produc...
MAX5086 MAXIM-MAX5086_08 Datasheet
323Kb / 13P
   45V, 250mA, Low-Quiescent-Current Linear Regulator with Adjustable Reset Delay
Rev 2; 2/08
logo
Linear Technology
LTC4079 LINER-LTC4079 Datasheet
209Kb / 6P
   60V, 250mA Linear Charger with Low Quiescent Current
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
   250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com