Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7212-33VFP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7212-33VFP
Description  300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7212-33VFP Datasheet(HTML) 5 Page - Orister Corporation

  RS7212-33VFP Datasheet HTML 1Page - Orister Corporation RS7212-33VFP Datasheet HTML 2Page - Orister Corporation RS7212-33VFP Datasheet HTML 3Page - Orister Corporation RS7212-33VFP Datasheet HTML 4Page - Orister Corporation RS7212-33VFP Datasheet HTML 5Page - Orister Corporation RS7212-33VFP Datasheet HTML 6Page - Orister Corporation RS7212-33VFP Datasheet HTML 7Page - Orister Corporation RS7212-33VFP Datasheet HTML 8Page - Orister Corporation RS7212-33VFP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Page No. : 5/16
DS‐RS7212‐02    September, 2009 
www.Orister.com
 
Where  (TJ‐TA)  is  the  temperature  difference  between  the  RS7212  die  junction  and  the  surrounding  air, θJC  is  the  thermal 
resistance  of  the  package  chosen,  and θCA  is  the  thermal  resistance  through  the  printed  circuit  board,  copper  traces  and 
other materials to the surrounding air. For better heat‐sinking, the copper area should be equally shared between the VIN
VOUT, and GND pins. 
 
The thermal resistance θJA of SOT‐25 package of RS7212 is 250°C/W. Based on a maximum operating junction temperature 
125°C with an ambient of 25°C, the maximum power dissipation will be: 
 
W
40
0
250
25
125
T
T
P
CA
JC
A
J
MAX
.
)
(
)
(
=
=
+
=
θ
θ
 
 
Thermal characteristics were measured using a double sided board with 1”x2” square inches of copper area connected to the 
GND pin for “heat spreading”. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the useful end‐of‐life  battery  voltage.  The  RS7212  use  a  P‐  channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance RDS(ON) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7212-33VFP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFNEG ORISTER-RS7213-18DHFNEG Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFNEP ORISTER-RS7213-18DHFNEP Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFSCG ORISTER-RS7213-18DHFSCG Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
RS7213-18DHFSCP ORISTER-RS7213-18DHFSCP Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
More results

Similar Description - RS7212-33VFP

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
RS7213 ORISTER-RS7213 Datasheet
544Kb / 9P
   300mA High Speed, Low Noise LDO with Fast Enable and Fast Discharge Function
logo
E-CMOS Corporation
EC49121 E-CMOS-EC49121 Datasheet
794Kb / 13P
   600mA LDO with Fast Enable And Fast Discharge Function
logo
Orister Corporation
RS7215 ORISTER-RS7215 Datasheet
590Kb / 10P
   1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
   300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com