Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS33 Datasheet(PDF) 8 Page - Orister Corporation

Part # SS33
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

SS33 Datasheet(HTML) 8 Page - Orister Corporation

Back Button SS33 Datasheet HTML 2Page - Orister Corporation SS33 Datasheet HTML 3Page - Orister Corporation SS33 Datasheet HTML 4Page - Orister Corporation SS33 Datasheet HTML 5Page - Orister Corporation SS33 Datasheet HTML 6Page - Orister Corporation SS33 Datasheet HTML 7Page - Orister Corporation SS33 Datasheet HTML 8Page - Orister Corporation SS33 Datasheet HTML 9Page - Orister Corporation SS33 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page No. : 8/10
DS‐RS6516‐05    February, 2010 
www.Orister.com
SOP‐8 Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters (inches). 
B. This drawing is subject to change without notice. 
C.
Body length does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not 
exceed 0.006 (0.15) per end. 
D. Body width does not include interlead flash. Interlead flash shall not exceed 0.017 (0.43) per side. 
E.
Falls within JEDEC MS‐012 variation AA. 
 
 
 


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS33 FORMOSA-SS33 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS33 YINT-SS33 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS33 VISHAY-SS33 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 04-Aug-15
logo
Galaxy Semi-Conductor H...
SS33 BILIN-SS33 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6515 ORISTER-RS6515 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com