Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7110-15SJG Datasheet(PDF) 3 Page - Orister Corporation

Part # RS7110-15SJG
Description  1.5A Fixed Voltage LDO Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7110-15SJG Datasheet(HTML) 3 Page - Orister Corporation

  RS7110-15SJG Datasheet HTML 1Page - Orister Corporation RS7110-15SJG Datasheet HTML 2Page - Orister Corporation RS7110-15SJG Datasheet HTML 3Page - Orister Corporation RS7110-15SJG Datasheet HTML 4Page - Orister Corporation RS7110-15SJG Datasheet HTML 5Page - Orister Corporation RS7110-15SJG Datasheet HTML 6Page - Orister Corporation RS7110-15SJG Datasheet HTML 7Page - Orister Corporation RS7110-15SJG Datasheet HTML 8Page - Orister Corporation RS7110-15SJG Datasheet HTML 9Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page No. : 3/9
DS‐RS7110‐03    September, 2009 
www.Orister.com
Absolute Maximum Ratings 
Parameter 
Symbol 
Ratings 
Units
Input Voltage VIN to GND 
VIN 
9.0 
Output Current Limit, I(LIMIT) 
ILIMIT 
2.0 
Junction Temperature 
TJ 
+155 
o
SOT‐223 
155 
Thermal Resistance 
TO‐252 
θ
JA 
90 
oC/W
SOT‐223 
900 
Power Dissipation 
TO‐252 
PD 
1200 
mW 
Operating Ambient Temperature 
TOPR ‐40 ~ +85 
o
Storage Temperature 
TSTG ‐55~+150 
o
Lead Temperature (soldering, 10sec) ‐ 
+260 
o
 
NOTE:  Stresses  beyond  those  listed  under  “absolute  maximum  ratings”  may  cause  permanent  damage  to  the  device.  These  are  stress 
ratings only, and function operation of the device at these or any other conditions beyond those indicated under “recommended operating 
conditions” is not implied. Exposure to absolute‐maximum–rated conditions for extended periods may affect device reliability. 
Electrical Characteristics (TA=25°C, unless otherwise specified) 
Symbol 
Parameter 
Conditions 
Min. 
Typ. 
Max.
Unit 
VIN 
Input Voltage ‐ 
2.4 ‐ 
7.0 
VIN=VOUT+1.0V, IOUT=1mA, VOUT≧1.8V ‐2% 
+2% 
VOUT 
Output Voltage 
VIN=VOUT+1.0V, IOUT=1mA, VOUT<1.8V, VIN>2.4V
‐35 
VOUT 
+35 
mV 
IMAX 
Output Current (see NOTE) ‐ 
1.5 ‐ 
‐ 
ILIMIT 
Current Limit ‐ 
‐ 
1.8 ‐ 
ISC 
Short Circuit Current ‐ 
‐ 
1.0 ‐ 
IQ 
Ground Pin Current 
ILOAD=0mA to 1.5A, VIN= VOUT+5.0V ‐ 
40 
65 
uA 
IOUT=100mA, VOUT>2.4V 
‐ 
30 
45 
IOUT=500mA, VOUT>2.4V 
‐ 
230 
350 
IOUT=900mA, VOUT>2.4V 
‐ 
500 
750 
VDROP 
Dropout Voltage 
IOUT=1500mA, VOUT>2.4V 
‐ 
900 
1350 
mV 
ΔVLINE 
Line Regulation 
VOUT+1.0V≦VIN≦7.0V, IOUT=1mA 
For Fixed Voltage Type 
‐ 
0.2 
0.3 
%/V 
ΔVLOAD 
Load Regulation 
VIN=VOUT+1V, 1mA≦IOUT≦100mA ‐ 
0.01 
0.02 
%/mA 
eN 
Output Noise 
IOUT=100mA , F=1KHz, COUT=10uF ‐ 
40 ‐ 
uV(rms) 
PSRR 
Ripple Rejection 
IOUT=30mA, F=1KHz, COUT=10uF ‐ 
55 ‐ 
dB 
TSD 
Thermal Shutdown 
Temperature 
‐ 
‐ 
160 ‐ 
o
THYS 
Thermal Shutdown Hysteresis ‐ 
‐ 
10 ‐ 
o
 
NOTE:Measured using a double sided board with 1”x2” square inches of copper area connected to the GND pins for “heat spreading”. 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7110-15SJG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7110-15NEG ORISTER-RS7110-15NEG Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
RS7110-15NEP ORISTER-RS7110-15NEP Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results

Similar Description - RS7110-15SJG

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
logo
Fortune Semiconductor C...
FS1084 FORTUNE-FS1084 Datasheet
409Kb / 9P
   5.0A Adjustable & Fixed Voltage LDO Linear Regulator
FS8860 FORTUNE-FS8860 Datasheet
834Kb / 15P
   1.0A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Cherry Semiconductor Co...
CS52015-3 CHERRY-CS52015-3 Datasheet
159Kb / 6P
   1.5A, 3.3V Fixed Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Orister Corporation
RS7300 ORISTER-RS7300 Datasheet
720Kb / 11P
   600mA Adjustable & Fixed Voltage LDO Linear Regulator
logo
Anaren Microwave
MSK5140 ANAREN-MSK5140 Datasheet
377Kb / 8P
   1.5A LOW NOISE, FIXED OUTPUT LDO REGULATOR
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915LC-C DATEL-LVR-7915LC-C Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
LVR-7915L883 DATEL-LVR-7915L883 Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com