Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7100-285NG Datasheet(PDF) 8 Page - Orister Corporation

Part # RS7100-285NG
Description  Low Power 300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7100-285NG Datasheet(HTML) 8 Page - Orister Corporation

Back Button RS7100-285NG Datasheet HTML 4Page - Orister Corporation RS7100-285NG Datasheet HTML 5Page - Orister Corporation RS7100-285NG Datasheet HTML 6Page - Orister Corporation RS7100-285NG Datasheet HTML 7Page - Orister Corporation RS7100-285NG Datasheet HTML 8Page - Orister Corporation RS7100-285NG Datasheet HTML 9Page - Orister Corporation RS7100-285NG Datasheet HTML 10Page - Orister Corporation RS7100-285NG Datasheet HTML 11Page - Orister Corporation RS7100-285NG Datasheet HTML 12Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page No. : 8/12
DS‐RS7100‐14   April, 2010 
www.Orister.com
Based on a maximum operating junction temperature 125°C with an ambient of 25°C, the maximum power dissipation will be: 
 
W
555
.
0
180
)
25
125
(
)
T
T
(
P
CA
JC
A
J
MAX
=
=
θ
+
θ
=
 
 
Thermal characteristics were measured using a double‐side board with 1”x 2” square inches of copper area connected to the 
GND pin for “heat spreading”. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful end‐of‐life  battery  voltage.  The RS7100  uses  a  P‐channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance (RDS(ON)) multiplied by the load current. 
 
OUT
)
ON
(
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
 
 
 
 


Similar Part No. - RS7100-285NG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results

Similar Description - RS7100-285NG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Seaward Electronics Inc...
SE5169 SEAWARD-SE5169 Datasheet
289Kb / 8P
   300mA CMOS Low Power LDO Voltage Regulator
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com