Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7200-20NEG Datasheet(PDF) 4 Page - Orister Corporation

Part # RS7200-20NEG
Description  250mA Linear Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7200-20NEG Datasheet(HTML) 4 Page - Orister Corporation

  RS7200-20NEG Datasheet HTML 1Page - Orister Corporation RS7200-20NEG Datasheet HTML 2Page - Orister Corporation RS7200-20NEG Datasheet HTML 3Page - Orister Corporation RS7200-20NEG Datasheet HTML 4Page - Orister Corporation RS7200-20NEG Datasheet HTML 5Page - Orister Corporation RS7200-20NEG Datasheet HTML 6Page - Orister Corporation RS7200-20NEG Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page No. : 4/7
DS‐RS7200‐02    September, 2009 
www.Orister.com
Detail Description 
The RS7200 is a low quiescent current LDO linear regulator. The device provides preset 2.0V, 2.5V and 3.3V output voltages 
for output current up to 500mA. Other mask options for special output voltages from 2.0V to 6.0V with 100mV increment are 
also  available.  As  illustrated  in  function  block  diagram,  it  consists  of  a  2.0V  voltage,  error  amplifier,  a  P‐channel  pass 
transistor, an ON/OFF control logic, and an internal feedback voltage divider. 
 
The 2.0V bandgap reference is connected to the error amplifier, which compares this reference with the feedback voltage 
and amplifies the voltage difference. If the feedback voltage is lower than the reference voltage, the pass‐transistor gate is 
pulled 
lower, which allows more current to pass to the output pin and increases the output voltage. If the feedback voltage is too 
high, the pass‐transistor gate is pulled up to decrease the output voltage. 
 
The  output  voltage  is  feedback  through  an  internal  resistive  divider  connected  to  VOUT  pin.  Additional  blocks  include  with 
output current limiter and shutdown logic. 
 
Internal P‐channel Pass Transistor 
The  RS7200  features  a  P‐channel  MOSFET  pass  transistor.  Unlike  similar  designs  using  PNP  pass  transistors,  P‐channel 
MOSFETs require no base drive, which reduces quiescent current. PNP–based regulators also waste considerable current in 
dropout conditions when the pass transistor saturates, and use high base‐drive currents under large loads. The RS7200 does 
not suffer from these problems and consumes only19μA (Typical) of current consumption under light loads. 
 
Enable Function 
EN pin starts and stops the regulator. When the EN pin is switched to the power off level, the operation of all internal circuit 
stops,  the  build‐in  P‐channel  MOSFET  output  transistor  between  pins  VIN  and  VOUT  is  switched  off,  allowing  current 
consumption to be drastically reduced. The VOUT pin enters the GND level due to the several MΩ resistance of the feedback 
voltage divider between VOUT and GND pins. 
 
Output Voltage Selection 
The  RS7200  output  voltage  is  preset  at  an  internally  trimmed  voltage  2.5V  or  3.3V.  The  output  voltage  also  can  be  mask‐
optioned from 2.0V to 5.0V with 100mV increment by special order. The first two digits of part number suffix identify the 
output voltage (see Ordering Information). For example, RS7200‐33 has a preset 3.3V output voltage. 
 
Current Limit 
The RS7200 also includes a fold back current limiter. It monitors and controls the pass‐transistor’s gate voltage, estimates the 
output current, and limits the output current within 350mA. 
 
Thermal Overload Protection 
Thermal overload protection limits total power dissipation in the RS7200. When the junction temperature exceeds TJ=+155°C, 
a  thermal  sensor  turns  off  the  pass  transistor,  allowing  the  IC  to  cool  down.  The  thermal  sensor  turns  the  pass  transistor 
active  again  after  the  junction  temperature  cools  down  by  10°C,  resulting  in  a  pulsed  output  during  continuous  thermal 
overload conditions. 
 
Thermal overload protection is designed to protect the RS7200 in the event of fault conditions. For continuous operation, the 
maximum operating junction temperature rating of TJ=+125°C should not be exceeded. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful end‐of‐life  battery  voltage.  The RS7200  uses  a  P‐channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance (RDS(ON)) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 
 


Similar Part No. - RS7200-20NEG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPHNEG ORISTER-RS7202-12GPHNEG Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPHNEP ORISTER-RS7202-12GPHNEP Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
RS7202-12GPLNEG ORISTER-RS7202-12GPLNEG Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
More results

Similar Description - RS7200-20NEG

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7202 ORISTER-RS7202 Datasheet
480Kb / 7P
   250mA Low Quiescent Linear Regulator with Enable
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
   250mA Low consumption Linear Regulator
VER 1.2
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
   250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
   250mA Low Consumption Linear Regulator
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223_06 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com