Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7206-15NEP Datasheet(PDF) 1 Page - Orister Corporation

Part # RS7206-15NEP
Description  300mA CMOS LDO Linear Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7206-15NEP Datasheet(HTML) 1 Page - Orister Corporation

  RS7206-15NEP Datasheet HTML 1Page - Orister Corporation RS7206-15NEP Datasheet HTML 2Page - Orister Corporation RS7206-15NEP Datasheet HTML 3Page - Orister Corporation RS7206-15NEP Datasheet HTML 4Page - Orister Corporation RS7206-15NEP Datasheet HTML 5Page - Orister Corporation RS7206-15NEP Datasheet HTML 6Page - Orister Corporation RS7206-15NEP Datasheet HTML 7Page - Orister Corporation RS7206-15NEP Datasheet HTML 8Page - Orister Corporation RS7206-15NEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Page No. : 1/16
DS‐RS7206‐15    October, 2009 
www.Orister.com
RS7206 
300mA CMOS LDO Linear Regulator with Enable 
 
General Description 
The RS7206 is a 4‐Low (Low‐dropout, Low‐quiescent Current, Low‐noise, Low‐cost) linear regulator with ON/OFF control. 
The device operates in the input voltage range from +2.2V to +7.0V and delivers 300mA output current.  
 
The high‐accuracy output voltage is preset at an internally trimmed voltage 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V or 3.3V. Other 
output voltages can be mask‐optioned from 1.2V to 5.0V with 100mV increment. 
 
The RS7206 consists of a 1.0V reference compare amplifier, a P‐channel pass transistor, and an enable/disable logic circuit. 
Other features include short‐circuit protection, and thermal shutdown protection. 
 
The  RS7206  is  also  compatible  with  low  ESR  ceramic  capacitors  which  give  added  output  stability.  This  stability  can  be 
maintained  even  during  load  fluctuations  due  to  the  excellent  transient  response  of  the  chip.  The  RS7206  devices  are 
available in SOT‐25 and VSON‐6 (2x2) packages. 
Features 
Applications 
● Operating Voltage Range:+2.2V to +7.0V 
● Output Voltages:+1.2V to +5.0V with 100mV 
● Dropout Voltage:160mV@150mA 
● Low Current Consumption 15μA (Typ.) 
● Shutdown Current:0.1μA (Typ.) 
● ±2% Output Voltage Accuracy (special ±1% highly 
accurate) 
● Low ESR Capacitor Compatible 
● High Ripple Rejection:70dB 
● Output Current Limit Protection (450mA) 
● Short Circuit Protection (150mA) 
● Thermal Overload Shutdown Protection 
● Control Output ON/OFF Function 
● SOT‐25 and VSON‐6 (2x2) Packages 
● RoHS Compliant and 100% Lead (Pb)‐Free and Green 
(Halogen Free with Commercial Standard) 
● Battery‐powered equipment 
● Voltage regulator for microprocessor 
● Voltage regulator for LAN cards 
● Wireless Communication equipment 
● Audio/Video equipment 
● Post Regulator for Switching Power 
● Home Electric/Electronic Appliance 
● CDMA/GSM Cellular Handsets 
● Laptop, Palmtops, Notebook Computers 
● Portable Information Application 
Application Circuits 
 
 
 
 
This  integrated  circuit  can  be  damaged  by  ESD.  Orister  Corporation  recommends  that  all  integrated  circuits  be  handled  with 
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 
 
ESD  damage  can  range  from  subtle  performance  degradation  to  complete  device  failure.  Precision  integrated  circuits  may  be  more 
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
 


Similar Part No. - RS7206-15NEP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RS720 SIEMENS-RS720 Datasheet
820Kb / 8P
   Automatic fire detectors
06.2009
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEG ORISTER-RS7200-20NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-20NEP ORISTER-RS7200-20NEP Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
RS7200-285NEG ORISTER-RS7200-285NEG Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
More results

Similar Description - RS7206-15NEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7212 ORISTER-RS7212 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable and Fast Discharge Function
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com