Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS7110-285NEP Datasheet(PDF) 5 Page - Orister Corporation

Part # RS7110-285NEP
Description  Low Power 300mA CMOS LDO with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7110-285NEP Datasheet(HTML) 5 Page - Orister Corporation

  RS7110-285NEP Datasheet HTML 1Page - Orister Corporation RS7110-285NEP Datasheet HTML 2Page - Orister Corporation RS7110-285NEP Datasheet HTML 3Page - Orister Corporation RS7110-285NEP Datasheet HTML 4Page - Orister Corporation RS7110-285NEP Datasheet HTML 5Page - Orister Corporation RS7110-285NEP Datasheet HTML 6Page - Orister Corporation RS7110-285NEP Datasheet HTML 7Page - Orister Corporation RS7110-285NEP Datasheet HTML 8Page - Orister Corporation RS7110-285NEP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS‐RS7103‐02    September, 2009 
www.Orister.com
If the RS7103 uses a SOT‐25 package and this package is mounted on a double sided printed circuit board with two square 
inches of copper allocated for “heat spreading”, the resulting θJA is 180°C/W. 
 
Based on a maximum operating junction temperature 125°C with an ambient of 25°C, the maximum power dissipation will be: 
 
W
40
0
250
25
125
T
T
P
CA
JC
A
J
MAX
.
)
(
)
(
=
=
+
=
θ
θ
 
 
Thermal characteristics were measured using a double‐side board with 1”x 2” square inches of copper area connected to the 
GND pin for “heat spreading”. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful end‐of‐life  battery  voltage.  The RS7103  uses  a  P‐channel MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance (RDS(ON)) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RS7110-285NEP

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS7110-285JG ORISTER-RS7110-285JG Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
RS7110-285JP ORISTER-RS7110-285JP Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
RS7110-285SJG ORISTER-RS7110-285SJG Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
RS7110-285SJP ORISTER-RS7110-285SJP Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
More results

Similar Description - RS7110-285NEP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com