Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS432FP Datasheet(PDF) 3 Page - Orister Corporation

Part # RS432FP
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS432FP Datasheet(HTML) 3 Page - Orister Corporation

  RS432FP Datasheet HTML 1Page - Orister Corporation RS432FP Datasheet HTML 2Page - Orister Corporation RS432FP Datasheet HTML 3Page - Orister Corporation RS432FP Datasheet HTML 4Page - Orister Corporation RS432FP Datasheet HTML 5Page - Orister Corporation RS432FP Datasheet HTML 6Page - Orister Corporation RS432FP Datasheet HTML 7Page - Orister Corporation RS432FP Datasheet HTML 8Page - Orister Corporation RS432FP Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page No. : 3/10
DS‐RS432‐07    September, 2009 
www.Orister.com
Block Diagram 
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified) 
Characteristics 
Symbol 
Value 
Unit
Cathode Voltage 
VKA 
18 
Cathode Current Range (Continuous) 
IK 
20 
mA 
Reference Input Current Range 
IREF 
10 
mA 
SOT‐23 
370 
SOT‐89 
770 
TO‐92 
770 
Power Dissipation 
PD 
‐‐ 
‐‐ 
mW
Operating Temperature Range (Max.) 
TOPR ‐40 ‐ +125 
o
Storage Temperature Range 
TSTG ‐65 ‐ +150 
o
Operating Conditions 
Characteristics 
Symbol 
Min. 
Max. 
Unit
Cathode Voltage 
VKA 
VREF 
16 
Cathode Current Range (Continuous) 
IK 
0.1 
20 
mA 
Operating Ambient Temperature Range 
TOPR ‐40 
125 
o
Electrical Characteristics (T
A=25°C, unless otherwise specified) 
Characteristics 
Symbol 
Test Conditions 
Min 
Typ 
Max 
Unit
1.24V ±2.0% 
1.215 
1.24 
1.265
1.24V ±1.0% 
1.228 
1.24 
1.252
1.24V ±0.5% 
1.234 
1.24 
1.246
1.25V ±2.0% 
1.225 
1.25 
1.275
1.25V ±1.0% 
1.238 
1.25 
1.262
Reference Input Voltage (Fig1) 
1.25V ±0.5% 
VREF 
VK=VREF, IK=10mA 
1.244 
1.25 
1.256
Ratio of Change in Reference Input Voltage to the 
Change in Cathode Voltage (Fig2) 
ΔV
REF/ΔVK IK=10mA,, ΔVK=18V to VREF ‐ 
1.0 
2.7 
mV/V
Reference Input Current (Fig2) 
IREF 
IK=10mA, R1=10KΩ, R2=∞ 
‐ 
0.15 
0.5 
uA 
Minimum Cathode Current for Regulation (Fig1) 
IK(min) 
VK=VREF ‐ 
20 
80 
uA 
VK=6V, VREF=0 ‐ 
0.01 
0.05 
Off‐State Cathode Current (Fig3) 
IK(off) 
VK=16V, VREF=0  
0.04 
0.15 
uA 
Dynamic Output Impedance (Fig1) 
ZK 
VK=VREF, f≤1kHz, IK=100uA to 
20mA 
‐ 
0.2 
0.4 Ω 
 
 
 
 
Functional Block Diagram
Symbol
Reference
Anode
Cathode


Similar Part No. - RS432FP

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS432-S PTC-RS432-S Datasheet
269Kb / 4P
   Adjustable Precision Shunt Regulator
RS432BAP PTC-RS432BAP Datasheet
269Kb / 4P
   Adjustable Precision Shunt Regulator
RS432BNP PTC-RS432BNP Datasheet
269Kb / 4P
   Adjustable Precision Shunt Regulator
RS432CAP PTC-RS432CAP Datasheet
269Kb / 4P
   Adjustable Precision Shunt Regulator
RS432CNP PTC-RS432CNP Datasheet
269Kb / 4P
   Adjustable Precision Shunt Regulator
More results

Similar Description - RS432FP

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com